| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29F080B-90SD bảng dữ liệu(PDF) 22 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F080B-90SD bảng dữ liệu(HTML) 22 Page - Advanced Micro Devices |
|
22 / 39 page ![]() 20 Am29F080B 21503G5 November 1, 2006 D A TA SH EE T Table 5. Write Operation Status Notes: 1. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. 2. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See “DQ5: Exceeded Timing Limits” for more information. Operation DQ7 (Note 1) DQ6 DQ5 (Note 2) DQ3 DQ2 (Note 1) RY/BY# Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle 0 Embedded Erase Algorithm 0 Toggle 0 1 Toggle 0 Erase Suspend Mode Reading within Erase Suspended Sector 1 No toggle 0 N/A Toggle 1 Reading within Non-Erase Suspended Sector Data Data Data Data Data 1 Erase-Suspend-Program DQ7# Toggle 0 N/A N/A 0 |