| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29F400BT-120DPC2 bảng dữ liệu(PDF) 2 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F400BT-120DPC2 bảng dữ liệu(HTML) 2 Page - Advanced Micro Devices |
|
2 / 12 page ![]() SUPPLEMENT Publication# 21258 Rev: E Amendment/+5 Issue Date: June 27, 2001 Am29F400B Known Good Die 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory—Die Revision 2 DISTINCTIVE CHARACTERISTICS s Single power supply operation — 5.0 volt-only operation for read, erase, and program operations — Minimizes system level requirements s Manufactured on 0.32 µm process technology — Compatible with 0.5 µm Am29F400 device s High performance — Access time as fast as 70 ns s Low power consumption (typical values at 5MHz) — 1 µA standby mode current — 20 mA read current (byte mode) — 28 mA read current (word mode) — 30 mA program/erase current s Flexible sector architecture — One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and seven 64 Kbyte sectors (byte mode) — One 8 Kword, two 4 Kword, one 16 Kword, and seven 32 Kword sectors (word mode) — Supports full chip erase — Sector Protection features: A hardware method of locking a sector to prevent any program or erase operations within that sector Sectors can be locked via programming equipment Temporary Sector Unprotect feature allows code changes in previously locked sectors s Top or bottom boot block configurations available s Embedded Algorithms — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors — Embedded Program algorithm automatically writes and verifies data at specified addresses s Minimum 1,000,000 write cycle per sector guaranteed s Compatibility with JEDEC standards — Pinout and software compatible with single- power-supply Flash — Superior inadvertent write protection s Data# Polling and toggle bits — Provides a software method of detecting program or erase operation completion s Ready/Busy# pin (RY/BY#) — Provides a hardware method of detecting program or erase cycle completion s Erase Suspend/Erase Resume — Suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation s Hardware reset pin (RESET#) — Hardware method to reset the device to reading array data s 20-year data retention at 125 °C s Tested to datasheet specifications at temperature — Contact AMD for higher temperature range devices s Quality and reliability levels equivalent to standard packaged components |