công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29F400BT-90DPC2 bảng dữ liệu(PDF) 9 Page - Advanced Micro Devices

tên linh kiện AM29F400BT-90DPC2
Giải thích chi tiết về linh kiện  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400BT-90DPC2 bảng dữ liệu(HTML) 9 Page - Advanced Micro Devices

Back Button AM29F400BT-90DPC2 Datasheet HTML 4Page - Advanced Micro Devices AM29F400BT-90DPC2 Datasheet HTML 5Page - Advanced Micro Devices AM29F400BT-90DPC2 Datasheet HTML 6Page - Advanced Micro Devices AM29F400BT-90DPC2 Datasheet HTML 7Page - Advanced Micro Devices AM29F400BT-90DPC2 Datasheet HTML 8Page - Advanced Micro Devices AM29F400BT-90DPC2 Datasheet HTML 9Page - Advanced Micro Devices AM29F400BT-90DPC2 Datasheet HTML 10Page - Advanced Micro Devices AM29F400BT-90DPC2 Datasheet HTML 11Page - Advanced Micro Devices AM29F400BT-90DPC2 Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
8
Am29F400B Known Good Die
SU PP L E ME NT
PHYSICAL SPECIFICATIONS
Die Dimensions . . . . . . . . . . . . . . 135 mils x 198 mils
. . . . . . . . . . . . . . . . . . . . . . . . . . . 3.42 mm x 5.02 mm
Die Thickness. . . . . . . . . . . . . . . . . ~500 µm/~20 mils
Bond Pad Size . . . . . . . . . . . . . . 4.69 mils x 4.69 mils
. . . . . . . . . . . . . . . . . . . . . . . . . . 115.9 µm x 115.9 µm
Pad Area Free of Passivation . . . . . . . . . 13.98 mils2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9,025 µm2
Pads Per Die . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
Bond Pad Metallization . . . . . . . . . . . . . . . . . . . Al/Cu
Die Backside . . . . . . . . . . . . . . . . . . . . . . . . No metal,
. . . . . . . . . . . . . . . . . . . . may be grounded (optional)
Passivation . . . . . . . . . . . . . . . . . . . . . . SiN/SOG/SiN
DC OPERATING CONDITIONS
VCC (Supply Voltage) . . . . . . . . . . . . . . . 4.5 V to 5.5 V
Junction Temperature Under Bias . .TJ (max) = 130°C
Operating Temperature
Commercial . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Contact AMD for higher temperature range devices.
MANUFACTURING INFORMATION
Manufacturing . . . . . . . . . . . . . . . . . . . . . . . . . . FASL
Test . . . . . . . . . . . . . . . . . . . . . . Sunnyvale, CA, USA,
. . . . . . . . . . . . . . . . . . . . . . . . .and Penang, Malaysia
Manufacturing ID (Top Boot) . . . . . . . . . . . . 98F02AK
(Bottom Boot) . . . . . . . 98F02ABK
Preparation for Shipment . . . . . . . . Penang, Malaysia
Fabrication Process . . . . . . . . . . . . . . . . . . . . CS39S
Die Revision . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
SPECIAL HANDLING INSTRUCTIONS
Processing
Do not expose KGD products to ultraviolet light or
process them at temperatures greater than 250
°C.
Failure to adhere to these handling instructions will
result in irreparable damage to the devices. For best
yield, AMD recommends assembly in a Class 10K
clean room with 30% to 60% relative humidity.
Storage
Store at a maximum temperature of 30
°C in a nitrogen-
purged cabinet or vacuum-sealed bag. Observe all
standard ESD handling procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com