| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV321IDBVR bảng dữ liệu(PDF) 5 Page - Guangdong Youtai Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
LMV321IDBVR bảng dữ liệu(HTML) 5 Page - Guangdong Youtai Semiconductor Co., Ltd. |
|
5 / 10 page ![]() 2.instrumentation amplifier The circuit in the figure above performs the same function, but the input is high impedance. 3.Low pass active filtering The low-pass filter circuit shown here has a (-R2 / R1) DC gain and -3db at a frequency of 1/2 PI R2C corner. Make sure the filter is within the amplifier's bandwidth. Large feedback resistors are easily accompanied by parasitic capacitance at high speed, resulting in adverse effects such as oscillation. Keep the resistance value as low as possible and consider the appropriate output load. Low-Power rail-to-rail Operational Amplifier UMW LMV321/LMV358/LMV324 R www.umw-ic.com 5 UTD Semiconductor Co.,Limited |