| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TP27 bảng dữ liệu(PDF) 53 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
TP27 bảng dữ liệu(HTML) 53 Page - Siemens Semiconductor Group |
|
53 / 230 page ![]() 6-3 TP27, TP37 Equipment Manual Release 01/00 Alarm and event messages can be configured so that text components flash in order to distinguish them from other message texts. Messages may contain text and tag fields. Tag fields display current PLC ac- tual values in numeric form. A sub–category of the event message is the standby message. The standby message is the event message number 0. It is displayed when there are no event messages on the Touch Panel. A current event or alarm message can be displayed in either a message line or message window. One of the following combinations can be defined in the configuration: S Window/window Event messages and alarm mes- sages are displayed in separate windows. The alarm message window is opened automatically when an alarm message arrives. When the alarm message is acknowledged, the alarm message window disap- pears. The event message window can be opened only by activating a button. Event message Alarm message S Window/line An event message is displayed in the message line, whereas an alarm message is displayed in the message window. The alarm mes- sage window is opened automati- cally when an alarm message oc- curs. When an alarm message is acknowledged, the alarm message window disappears if no other alarm messages are waiting. Alarm message Event message S Window/hide An alarm message is displayed in the message window. Event mes- sages are not displayed. When the alarm message is ac- knowledged, the alarm message window is closed. Alarm message Presentation Standby message Display mode Messages |