công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP14 bảng dữ liệu(PDF) 53 Page - Knowles Electronics

tên linh kiện AP14
Giải thích chi tiết về linh kiện  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KNOWLES [Knowles Electronics]
Trang chủ  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AP14 bảng dữ liệu(HTML) 53 Page - Knowles Electronics

Back Button AP14 Datasheet HTML 49Page - Knowles Electronics AP14 Datasheet HTML 50Page - Knowles Electronics AP14 Datasheet HTML 51Page - Knowles Electronics AP14 Datasheet HTML 52Page - Knowles Electronics AP14 Datasheet HTML 53Page - Knowles Electronics AP14 Datasheet HTML 54Page - Knowles Electronics AP14 Datasheet HTML 55Page - Knowles Electronics AP14 Datasheet HTML 56Page - Knowles Electronics AP14 Datasheet HTML 57Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
www.knowlescapacitors.com
51
Ordering information - Voltronics Non-Magnetic capacitors
11
470
J
1000
W
F
R
Chip size
Capacitance
Tolerance
Voltage
Termination
Material
Lead/
Packaging
4
5
6
8
11
12
13
18
22
25
38
40
0402*
0505
0603*
0805*
1111†
1206*
1210*
1812*
2220*
2225†
3838†
4040†
0R1
100
101
102
0.1pF
10pF
100pF
1000pF
A
B
C
D
F
G
J
K
M
±0.05pF
±0.1pF
±0.25pF
±0.5pF
±1%
±2%
±5%
±10%
±20%
50 = 50V
100 = 100V
1000 =1000V
W = Ag/Cu/Sn
S = Pd/Ag
M = Poly/Cu/Sn
2 = Ag/Cu/Sn - (Q dielectric only)
3 = Poly/Cu/Sn - (X dielectric only)
B = Silver - (Q ribbon only)
V = Silver, laquer Coated - (Q ribbon only)
Q = High Q
0±30ppm/ºC
X = X7R (2R1)
R = Ribbon
T* = Tape & Reel
B* = Bulk
Note: *Q and X dielectric only. †Ribbon Leads available.
Ordering information - Syfer Non-Magnetic capacitors
1206
2
500
0223
J
Q
T
-
-
4040
2
7K0
0470
G
Q
B
-
AF9
2225
B
3K0
6P80
G
Q
B
R
W221
Chip
size
Termination or Coating
(Ribbon Leaded)
Voltage
Capacitance in picofarads
(pF)
Capacitance
tolerance
Dielectric
Packing
Lead
Options Suffix code
0402*
0603
0505
0805
1206
1111
1210
1808
1812
2220
2225†
4040†
2 = Sintered silver with
copper barrier*
3 = FlexiCap™ with
copper barrier.
4 = Sintered silver with
copper barrier*
5 = FlexiCap™ base with
copper barrier.
Ribbon Leaded
B = Uncoated
V = Coated with modified
silicone laquer
50 = 50V
100 = 100V
1K0 = 1kV
2K0 = 2kV
3K0 = 3kV
4K0 = 4kV
5K0 = 5kV
6K0 = 6kV
7K0 = 7kV
<10pF Insert a P for the
decimal point,
eg 2P20 = 2.2pF.
>10pF. 1st digit is 0.
2nd and 3rd digits are
significant figures of
capacitance code. The
4th digit is number of 0’s
following
eg. 0470 = 47pF
0512 = 5100pF
Values <1pF in 0.1pF steps,
above this values are E24 series
<4.7pF
H = ±0.05pF
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
4.7pF ~ <10pF
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
10pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
C = C0G/
NP0 (1B)
Q = High Q
X = X7R
(2R1)
T = 178mm
(7”) reel
R = 330mm
(13”) reel
B = Bulk
pack - tubs
or trays
R =
Ribbon
leaded
Blank =
SM chip
W221 =
Leaded
W211 =
Leaded
marked
**AF9 =
SM standard
chip
**AF9LM =
SM marked
standard chip
Note: *0402 - C0G/NP0 (1B) and High Q only. †Ribbon Leads available. **AF9 and AF9LM suffix code only available in 1111, 2225 and 4040 chip sizes.
2225
4040
12.0 max
(0.473 max)
50 typ
(1.97 typ)
35 typ
(1.378 typ)
9.3 max
(0.366 max)
T
L2
W
Surface Mount See MLC Caps catalogue for dimensions.
Ribbon Leaded Silver plated copper ribbon attached with HMP solder - (MP greater than 260ºC).
a Knowles Precision Devices brand
TM
Non-Magnetic Caps - C0G/NP0 (1B), High Q, X7R (2R1)
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com