công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1426CPA bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện TC1426CPA
Giải thích chi tiết về linh kiện  1.2A Dual High-Speed MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1426CPA bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button TC1426CPA Datasheet HTML 3Page - Microchip Technology TC1426CPA Datasheet HTML 4Page - Microchip Technology TC1426CPA Datasheet HTML 5Page - Microchip Technology TC1426CPA Datasheet HTML 6Page - Microchip Technology TC1426CPA Datasheet HTML 7Page - Microchip Technology TC1426CPA Datasheet HTML 8Page - Microchip Technology TC1426CPA Datasheet HTML 9Page - Microchip Technology TC1426CPA Datasheet HTML 10Page - Microchip Technology TC1426CPA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2006 Microchip Technology Inc.
DS21393C-page 7
TC1426/TC1427/TC1428
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
550
440
330
220
110
0
57
9
11
13
15
VDD (V)
10,000 pF
4700 pF
2200 pF
Rise Time vs. Supply Voltage
330
264
198
132
66
0
10,000 pF
2200 pF
4700 pF
57
9
11
13
15
Fall Time vs. Supply Voltage
tD1
5
7
9
11
13
15
80
70
60
50
40
30
Delay Time vs. Supply Voltage
TA = +25°C
TA = +25°C
CL = 1000 pF
TA = +25°C
VDD (V)
VDD (V)
tD2
40
32
24
16
8
0
25
45
65
85
105
125
TEMPERATURE (
°C)
Rise and Fall Times vs. Temperature
60
54
48
42
36
0
25
45
65
85
105
125
TEMPERATURE (
°C)
Delay Time vs. Temperature
30
24
18
12
6
0
100
520
940
1360
1780
2200
CAPACITIVE LOAD (pF)
500 kHz
200 kHz
20 kHz
Supply Current vs. Capacitive Load
CL = 1000 pF
VDD = +15V
TA = +25°C
CL = 1000 pF
VDD = +15V
CL = 1000 pF
VDD = +15V
tD1
tD2
tFALL
tRISE
CAPACITIVE LOAD (pF)
100
1000
10,000
1000
100
10
10 VDD
5 VDD
15 VDD
Rise Time vs. Capacitive Load
1000
100
10
100
1000
10,000
CAPACITIVE LOAD (pF)
5 VDD
10 VDD
Fall Time vs. Capacitive Load
15VDD
100
80
60
40
20
0
10
100
1000
10,000
VDD = 15V
VDD = 10V
V
= 5V
DD
FREQUENCY (kHz)
Supply Current vs. Frequency
CL = 1000 pF
TA = +25°C
TA = +25°C
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com