công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICL7621 bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện ICL7621
Giải thích chi tiết về linh kiện  Dual, Low Power CMOS Operational Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7621 bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  ICL7621 Datasheet HTML 1Page - Intersil Corporation ICL7621 Datasheet HTML 2Page - Intersil Corporation ICL7621 Datasheet HTML 3Page - Intersil Corporation ICL7621 Datasheet HTML 4Page - Intersil Corporation ICL7621 Datasheet HTML 5Page - Intersil Corporation ICL7621 Datasheet HTML 6Page - Intersil Corporation ICL7621 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage V+to V- ... .. .. .. .. .. .. .. .. .. ... .. .. .. ..18V
Input Voltage .. .. .. .. ... .. .. .. .. .. .. .. .. V- -0.3 to V+ +0.3V
Differential Input Voltage (Note 1) . . . . . . . . . [(V+ +0.3) - (V- -0.3)]V
Duration of Output ShortCircuit (Note 2). .. .. .. .. . . . . . Unlimited
Operating Conditions
Temperature Range
ICL7621C . . . . . . . . . ... .. .. .. .. .. .. .. .. .. ... 0oCto 70oC
Thermal Resistance (Typical, Note 3)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . ... .. .. .. .. ..
120
N/A
SOIC Package . . . . . . ... .. .. .. .. ..
160
N/A
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oCto 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Long term offset voltage stability will be degraded if large input differential voltages are applied for long periods of time.
2. The outputs may be shorted to ground or to either supply, for VSUPPLY ≤10V. Care must be taken to insure that the dissipation rating is not
exceeded.
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±5V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP. (oC)
ICL7621B
ICL7621D
UNITS
MIN
TYP MAX
MIN
TYP MAX
Input Offset Voltage
VOS
RS ≤ 100kΩ
25
-
-
5
-
-
15
mV
Full
--
7
-
-
20
mV
Temperature Coefficient of VOS
∆VOS/∆TRS ≤ 100kΩ
-
-
15
-
-
25
-
µV/oC
Input Offset Current
IOS
25
-
0.5
30
-
0.5
30
pA
0to70
-
-
300
-
-
300
pA
-55 to 125
-
800
-
800
pA
Input Bias Current
IBIAS
25
-
1.0
50
-
1.0
50
pA
0to70
-
-
400
-
-
400
pA
-55 to 125
-
-
4000
-
-
4000
pA
Common Mode Voltage Range
VCMR
IQ =100µA25
±4.2
-
-
±4.2
-
-
V
Output Voltage Swing
VOUT
IQ = 100µA, RL =100kΩ
25
±4.9
-
-
±4.9
-
-
V
0to70
±4.8
-
-
±4.8
-
-
V
-55to125
±4.5
-
-
±4.5
-
-
V
Large Signal
Voltage Gain
AVOL
VO = ±4.0V, RL = 100kΩ ,
IQ = 100µA
25
80
102
-
80
102
-
dB
0to70
75
-
-
75
-
-
dB
-55 to 125
68
-
-
68
-
-
dB
Unity Gain Bandwidth
GBW
IQ =100µA
25
-
0.48
-
-
0.48
-
MHz
Input Resistance
RIN
25
-
1012
--
1012
-
Ω
Common Mode Rejection Ratio
CMRR
RS ≤ 100kΩ, IQ =100µA
25
70
91
-
70
91
-
dB
Power Supply Rejection Ratio
(VSUPPLY = ±8V to ±2V)
PSRR
RS ≤ 100kΩ, IQ =100µA
25
80
86
-
80
86
-
dB
Input Referred Noise Voltage
eN
RS =100Ω,f =1kHz
25
-
100
-
-
100
-
nV/
√Hz
Input Referred Noise Current
iN
RS =100Ω, f = 1kHz
25
-
0.01
-
-
0.01
-
pA/
√Hz
Supply Current (Per Amplifier)
ISUPPLY No Signal, No Load, IQ =100µA
25
-
0.1
0.25
-
0.1
0.25
mA
Channel Separation
VO1/VO2 AV = 100
25
-
120
-
-
120
-
dB
Slew Rate
SR
AV =1, CL = 100pF, VIN =8VP-P,
IQ =100µA, RL =100kΩ
25
-0.16
-
-0.16
-
V/
µs
Rise Time
tR
VIN =50mV, CL = 100pF,
IQ =100µA, RL =100kΩ
25
-
2
-
-
2
-
µs
Overshoot Factor
OS
VIN =50mV, CL = 100pF,
IQ =100µA, RL =100kΩ
25
-10
-
-10
-
%
ICL7621



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com