| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICL7665SCBAZ bảng dữ liệu(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
ICL7665SCBAZ bảng dữ liệu(HTML) 2 Page - Intersil Corporation |
|
2 / 14 page ![]() 2 FN3182.8 April 5, 2006 Ordering Information PART NUMBER PART MARKING TEMP. RANGE (°C) PACKAGE PKG. DWG. # ICL7665SACBA* 7665SACBA 0 to 70 8 Ld SOIC (N) M8.15 ICL7665SACBAZ* (Note) 7665SACBAZ 0 to 70 8 Ld SOIC (N) (Pb-free) M8.15 ICL7665SACBAZA* (Note) 7665SACBAZ 0 to 70 8 Ld SOIC (N) (Pb-free) M8.15 ICL7665SACPA 7665SACPA 0 to 70 8 Ld PDIP E8.3 ICL7665SACPAZ (Nore) 7665SACPAZ 0 to 70 8 Ld PDIP** (Pb-free) E8.3 ICL7665SAIBA* 7665SAIBA -40 to 85 8 Ld SOIC (N) M8.15 ICL7665SAIBAZA* (Note) 7665SAIBAZ -40 to 85 8 Ld SOIC (N) (Pb-free) M8.15 ICL7665SAIPA 7665SAIPA -40 to 85 8 Ld PDIP E8.3 ICL7665SAIPAZ (Note) 7665SAIPAZ -40 to 85 8 Ld PDIP** (Pb-free) E8.3 ICL7665SCBA* 7665SCBA 0 to 70 8 Ld SOIC (N) M8.15 ICL7665SCBAZ* (Note) 7665SCBAZ 0 to 70 8 Ld SOIC (N) (Pb-free) M8.15 ICL7665SCBAZA* (Note) 7665SCBAZ 0 to 70 8 Ld SOIC (N) (Pb-free) M8.15 ICL7665SCPA 7665SCPA 0 to 70 8 Ld PDIP E8.3 ICL7665SCPAZ (Note) 7665SCPAZ 0 to 70 8 Ld PDIP** (Pb-free) E8.3 ICL7665SIBA* 7665SIBA -40 to 85 8 Ld SOIC (N) M8.15 ICL7665SIBAZ* (Note) 7665SIBAZ -40 to 85 8 Ld SOIC (N) (Pb-free) M8.15 ICL7665SIBAZA* (Note) 7665SIBAZ -40 to 85 8 Ld SOIC (N) (Pb-free) M8.15 *Add “-T” suffix for tape and reel. **Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. ICL7665S |