công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICM7232CRIPL bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện ICM7232CRIPL
Giải thích chi tiết về linh kiện  Numeric/Alphanumeric Triplexed LCD Display Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7232CRIPL bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button ICM7232CRIPL Datasheet HTML 5Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 6Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 7Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 8Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 9Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 10Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 11Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 12Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
27
ICM7231 Family Description
The ICM7231 drives displays with 8 seven-segment digits
with two independent annunciators per digit, accepting six
data bits and three digit address bits from parallel inputs con-
trolled by a chip select input. The data bits are subdivided into
four binary code bits and two annunciator control bits.
The ICM7232 drives 10 seven-segment digits with two inde-
pendent annunciators per digit. To write into the display, six
bits of data and four bits of digit address are clocked serially
into a shift register, then decoded and written to the display.
Input levels are TTL compatible, and the DATA ACCEPTED
output on the serial input devices will drive one LSTTL load.
The intermediate voltage levels necessary to drive the dis-
play properly are generated by an on-chip resistor string,
and the output of a totally self-contained on-chip oscillator is
used to generate all display timing. All devices in this family
have been fabricated using Intersil’ MAXCMOS
 process
and all inputs are protected against static discharge.
Triplexed (1/3 Multiplexed) Liquid Crystal Displays
Figure 4 shows the connection diagram for a typical
7-segment display with two annunciators such as would be
used with an ICM7231 or ICM7232 numeric display driver.
Figure 5 shows the voltage waveforms of the common lines
and one segment line, chosen for this example to be the “a,
g, d” segment line. This line intersects with BP1 to form the
“a” segment, BP2 to form the “g” segment and BP3 to form
the “d” segment. Figure 5 also shows the waveform of the “a,
g, d” segment line for four different ON/OFF combinations of
the “a”, “g” and “d” segments. Each intersection (segment or
annunciator) acts as a capacitance from segment line to
common line, shown schematically in Figure 6. Figure 7
shows the voltage across the “g” segment for the same four
combinations of ON/OFF segments used in Figure 5.
FIGURE 3. ICM7232 INPUT TIMING DIAGRAM, LEAVING BOTH ANNUNCIATORS OFF
Timing Diagrams
DATA
CLOCK
INPUT
DATA
INPUT
WRITE
INPUT
RESETS SHIFT REGISTER
AND INPUT CONTROL
LOGIC WHEN DATA
ACCEPTED HIGH
DECODES AND STORES
DATA, RESETS SHIFT
REGISTER AND LOGIC
WHEN DATA ACCEPTED
IS LOW
DO NOT CARE
tCI
tCI
tDS
tDH
tWLL
tWP
DATA
ACCEPTED
OUTPUT
1
2
3
7
8
BD0
DATA
VALID
tCWS
tWP
tODH
tODI
BD1
DATA
VALID
BD2
DATA
VALID
A2
DATA
VALID
A3
DATA
VALID
AN1
ENTER
FIRST
AN2
BD0
BD1
BD2
BD3
A0
A1
A2
A3
ENTER
LAST
ICM7232 WRITE ORDER
a
b
c
d
f
g
e
BP1
BP2
BP3
an2
an1
BACKPLANE CONNECTIONS
a
b
c
d
f
g
e
SEGMENT LINES
an2
an1
SEGMENT LINE CONNECTIONS
FIGURE 4. CONNECTION DIAGRAMS FOR TYPICAL
7-SEGMENT DISPLAYS
ICM7231, ICM7232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com