| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TUSB2E22RZAT bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB2E22RZAT bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 30 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 8-Dec-2023 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant TUSB2E22RZAR VQFN- FCRLF RZA 20 3000 330.0 12.4 3.75 3.75 1.15 8.0 12.0 Q1 TUSB2E22RZAT VQFN- FCRLF RZA 20 250 330.0 12.4 3.75 3.75 1.15 8.0 12.0 Q1 TUSB2E22YCGR DSBGA YCG 25 3000 180.0 8.4 2.14 2.14 0.7 4.0 8.0 Q1 TUSB2E22YCGT DSBGA YCG 25 250 180.0 8.4 2.14 2.14 0.7 4.0 8.0 Q1 Pack Materials-Page 1 |