công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KBC1122P bảng dữ liệu(PDF) 4 Page - SMSC Corporation

tên linh kiện KBC1122P
Giải thích chi tiết về linh kiện  Mobile KBC with Super I/O, SFI, ADC and DAC with SMSC SentinelAlert
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

KBC1122P bảng dữ liệu(HTML) 4 Page - SMSC Corporation

  KBC1122P Datasheet HTML 1Page - SMSC Corporation KBC1122P Datasheet HTML 2Page - SMSC Corporation KBC1122P Datasheet HTML 3Page - SMSC Corporation KBC1122P Datasheet HTML 4Page - SMSC Corporation KBC1122P Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Mobile KBC with Super I/O, SFI, ADC and DAC with SMSC SentinelAlert!TM
Revision 0.8 (02-06-07)
4
SMSC KBC1122
PRODUCT PREVIEW
General Description
The KBC1122 is an integrated Keyboard/System Management Controller which incorporates a high-
performance 8051 Micro-Controller, an LPC Bus Interface which provides a Firmware Hub Interface
and integrated Super I/O/LPC Resources. The KBC1122 is powered by two separate supply planes
(VCC1, VCC0) to provide “instant on” and sophisticated system power management functions. The
KBC1122 power control circuitry supports multiple low power-down modes.
The KBC1122 incorporates a Direct Battery Management (DBM) with SMSC SentinelAlert! accessible
by the 8051. Together with external remote temperature sensor(s) can provide complete Analog
Monitoring & Control System. The KBC1122 DBM includes an 8 channel ADC, a 3 channel DAC with
SMSC SentinelAlert! and up to 2 SMSC SentinelAlert! GPIO's, two channel one-pin Temperature
Sensor Communication Links, and a hardware protect output that requires no programming or 8051
intervention to operate.
The KBC1122 incorporates a Standby Power Reset Generator (RESGEN) which monitors the VCC1
power input and generates the internal VCC1 power on reset for the KBC1122. The KBC1122 also
outputs VCC1RST# which can be used to reset the Flash memory on the Shared Flash Interface (SFI).



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com