công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KBC1122 bảng dữ liệu(PDF) 2 Page - SMSC Corporation

tên linh kiện KBC1122
Giải thích chi tiết về linh kiện  Mobile KBC with Super I/O, SFI, ADC and DAC with SMSC SentinelAlert
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

KBC1122 bảng dữ liệu(HTML) 2 Page - SMSC Corporation

  KBC1122 Datasheet HTML 1Page - SMSC Corporation KBC1122 Datasheet HTML 2Page - SMSC Corporation KBC1122 Datasheet HTML 3Page - SMSC Corporation KBC1122 Datasheet HTML 4Page - SMSC Corporation KBC1122 Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mobile KBC with Super I/O, SFI, ADC and DAC with SMSC SentinelAlert!TM
Revision 0.8 (02-06-07)
2
SMSC KBC1122
PRODUCT PREVIEW
Consumer Infrared Communications Controller
(CIRCC2.0)
— 96 Base I/O Address, 15 IRQ Options and 3 DMA
Options
— CIR supports NEC and RC5 framing
— CIR supports RC6 framing under Philips license
(p/n KBC1122P only)
— 8051 access to RC6, RC5, and NEC received
data
— 8051/Host wakeup from specific RC5 and NEC
received data
Battery Backed Resources
— 32KHz clock generator
— 1 Week Wakeup timer
Two 8584-Style SMBus Controllers
— 8051 Host Interface Logic Allows Master or Slave
Operation
— Controllers are Fully Operational on Standby
Power
— One Controller with one Port
Three independent Hardware Driven PS/2 Ports
— Fully functional on Main and/or Suspend Power
— PS/2 edge Wake Capable
— Wake on specific mouse protocol
— Wake on specific keyboard protocol
92 General Purpose I/O Pins
Four Programmable Pulse-Width Modulator Outputs
— Multiple clock Sources and Independent Clock
Rates
— 8 Bit Duty Cycle Granularity
Three Fan Tachometer Inputs
Four Programmable 16-bit Counter/Timers
Serial Port
— Host-Driven High-Speed 16C550A-Compatible
UART with 16-Byte Send/Receive FIFOs
— Programmable Baud Rate Generator
— Modem Control Circuitry
— Relocatable to 480 Different Base I/O Addresses
— 15 IRQ Options
Direct Battery Management with SMSC SentinelAlert!
— Analog to Digital Converter with
– 8 channels, 8b/10b conversion
– 20ms conversion time for 8 channels
— Digital to Analog Converter with SMSC
SentinelAlert!
– 3 channels, 8b conversion
– 1.5ms conversion time for 3 channels
— 2-GPIO’s with SMSC SentinelAlert!
— 2-Single pin SMSC BudgetBus Sensor Interface
Ports
— HW_PROTECT# output thermal event indication
MCU Serial Debug Port
Integrated Standby Power Reset Generator
156 Pin DQFN Lead-Free RoHS Compliant Package



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com