| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB97C100 bảng dữ liệu(PDF) 21 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB97C100 bảng dữ liệu(HTML) 21 Page - SMSC Corporation |
|
21 / 64 page ![]() SMSC DS – USB97C100 Page 21 Rev. 01/03/2001 Table 23 - GPIO Direction Register GPIOA_DIR (0x7F18- RESET=0x00) MCU UTILITY REGISTERS BIT NAME R/W DESCRIPTION 7 GPIO7 R/W GPIO7 Direction 0 = In 1 = Out 6 GPIO6 R/W GPIO6 Direction 0 = In 1 = Out 5 GPIO5 R/W GPIO5 Direction 0 = In 1 = Out 4 GPIO4 R/W GPIO4 Direction 0 = In 1 = Out 3 GPIO3/T1 R/W GPIO3 Direction 0 = In 1 = Out 2 GPIO2/T0 R/W GPIO2 Direction 0 = In 1 = Out 1 GPIO1/TXD R/W GPIO1 Direction 0 = In 1 = Out 0 GPIO0/RXD R/W GPIO0 Direction 0 = In 1 = Out Note: The Timer inputs T[1:0] can be configured as outputs and left unconnected so that software can write to the bits to trigger the timer. Otherwise, the Timer inputs can be used to count external events or internal SOF receptions. Table 24 - GPIO Output Register GPIOA_OUT (0x7F19- RESET=0x00) GPIO DATA OUTPUT REGISTER A BIT NAME R/W DESCRIPTION 7 GPIO7 R/W GPIO7 Output Buffer Data 6 GPIO6 R/W GPIO6 Output Buffer Data 5 GPIO5 R/W GPIO5 Output Buffer Data 4 GPIO4 R/W GPIO4 Output Buffer Data 3 GPIO3/T1 R/W GPIO3 Output Buffer Data 2 GPIO2/T0 R/W GPIO2 Output Buffer Data 1 GPIO1/TXD R/W GPIO1 Output Buffer Data 0 GPIO0/RXD R/W GPIO0 Output Buffer Data Table 25 - GPIO Input Register GPIOA_IN (0x7F1A- RESET=0xXX) GPIO INPUT REGISTER A BIT NAME R/W DESCRIPTION 7 GPIO7 R GPIO7 Input Buffer Data 6 GPIO6 R GPIO6 Input Buffer Data 5 GPIO5 R GPIO5 Input Buffer Data 4 GPIO4 R GPIO4 Input Buffer Data 3 GPIO3/T1 R GPIO3 Input Buffer Data 2 GPIO2/T0 R GPIO2 Input Buffer Data 1 GPIO1/TXD R GPIO1 Input Buffer Data 0 GPIO0/RXD R GPIO0 Input Buffer Data |