| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN91C96 bảng dữ liệu(PDF) 70 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN91C96 bảng dữ liệu(HTML) 70 Page - SMSC Corporation |
|
70 / 125 page ![]() Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet Rev. 03-28-07 Page 70 SMSC LAN91C965v&3v DATASHEET Figure 8.1 – Interrupt Service Routine ISR Save Bank Selec & Address Ptr Registerst Mask Interrupts Read Interrupt Register Call TX INTR or TXEMPTY INTR TX INTR? Get Next TX RX INTR? Yes No No Yes Call RXINTR ALLOC INTR? No Yes Write Allocated Pkt# into Packet Number Reg. Write Ad Ptr Reg. & CopyData & Source Address Enqueue Packet Packet Available for Transmission? Yes No Call ALLOCATE EPH INTR? No Yes Call EPH INTR Set "Ready for Packet" Flag Return Buffers to Upper Layer Disable Allocation Interrupt Mask Restore Address Pointer & Bank Select Registers Unmask Interrupts Exit ISR |