| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM324BAIPWR bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM324BAIPWR bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 55 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 2-Dec-2023 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM124DRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM124 Samples LM124FKB ACTIVE LCCC FK 20 55 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 77043012A LM124FKB Samples LM124J ACTIVE CDIP J 14 25 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 LM124J Samples LM124JB ACTIVE CDIP J 14 25 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 7704301CA LM124JB Samples LM124W ACTIVE CFP W 14 25 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 LM124W Samples LM124WB ACTIVE CFP W 14 25 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 7704301DA LM124WB Samples LM224AD LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224A LM224ADR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -25 to 85 LM224A Samples LM224ADRE4 LIFEBUY SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224A LM224ADRG4 LIFEBUY SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224A LM224AN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -25 to 85 LM224AN Samples LM224D LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224 LM224DG4 LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224 LM224DR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -25 to 85 LM224 Samples LM224DRG3 LIFEBUY SOIC D 14 2500 RoHS & Green SN Level-1-260C-UNLIM -25 to 85 LM224 LM224DRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224 Samples LM224KAD LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224KA LM224KADG4 LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224KA LM224KADR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224KA Samples LM224KADRG4 ACTIVE SOIC D 14 2500 TBD Call TI Call TI -25 to 85 Samples LM224KAN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -25 to 85 LM224KAN Samples LM224KDR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224K Samples Addendum-Page 2 |