| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HTEV800 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTEV800 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 8 page ![]() 2001 Sep 24 3 Philips Semiconductors Product specification HITAG long range evaluation kit HTEV800 BLOCK DIAGRAM handbook, full pagewidth MGW420 PC READ AND WRITE DEVICE EXTERNAL ANTENNA CD-ROM HITAG 2 transponders HITAG 1 transponders DC power supply cable RS232 interface cable flat cable POWER SUPPLY AC mains supply cable Fig.1 Block diagram. FUNCTIONAL DESCRIPTION Hardware start-up Metallic environment and electromagnetic interferences (e.g. monitors and keyboards) have a negative effect on the range. At the HITAG long range read and write device, the signal processing unit is able to suppress up to two harmonic disturbers. CONNECTING THE ANTENNA If an own built antenna instead of the standard flat cable antenna is used, please refer to application note “Antenna design for the HITAG long range system”. CONNECTING THE READ AND WRITE DEVICE TO THE PC AND POWER SUPPLY After connecting the antenna, connect the supplied interface cable to the serial interface (port COM 1 or port COM 2) on your PC. Plug the DC power supply cable into the power supply unit and please take attention to the marking at the back of the supply unit (110 or 240 VAC). Software start-up SYSTEM REQUIREMENTS In order to use the RFIDDEMO software the following system requirements must be satisfied: • IBM-PC or compatible (minimum 286 processor) • 640 kbyte RAM • Serial interface. INSTALLATION 1. Create a new directory on your PC for the demo-files (e.g. C:\RFIDDEMO). 2. Copy all the files from the CD-ROM into the new directory. STARTING THE DEMO-PROGRAM We strongly recommend to carefully read the user manual “RFIDDEMO HITAG evaluation software” before starting the demo-system. Inconsiderate use of individual menu options may result in unwanted irreversible changes in access rights. Start your demo-program by typing the command RFIDDEMO.EXE. |