| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BAL99 bảng dữ liệu(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAL99 bảng dữ liệu(HTML) 3 Page - Diodes Incorporated |
|
3 / 3 page ![]() DS12009 Rev. 12 - 2 3 of 3 BAL99 www.diodes.com 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2.0 0 10 20 40 30 V , REVERSE VOLTAGE (V) R Fig. 4 Typical Capacitance vs. Reverse Voltage f = 1.0MHz 0.1 1 10 100 1000 10000 0 20 40 60 80 100 V , INSTANTANEOUS REVERSE VOLTAGE (V) R Fig. 3 Typical Reverse Characteristics T = -40ºC A T = 25ºC A T = 75ºC A T = 125ºC A T = 150ºC A T = 0ºC A 0.1 1 0.01 0.001 0 1.5 1.0 0.5 V , INSTANTANEOUS FORWARD VOLTAGE (V) F Fig. 2 Forward Characteristics T = -40ºC A T = 150ºC A T = 75ºC A T = 25ºC A T = 0ºC A 400 T , AMBIENT TEMPERATURE, (°C) A Fig. 1 Power Derating Curve See Note 1 200 100 300 0 500 0 100 200 IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance- ments, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated. |