| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATS137-P bảng dữ liệu(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
ATS137-P bảng dữ liệu(HTML) 3 Page - Diodes Incorporated |
|
3 / 10 page ![]() ATS137 SINGLE HALL EFFECT SWITCH ATS137 Rev. 4 3 of 10 FEBRUARY 2007 www.diodes.com © Diodes Incorporated Pin Descriptions Name P/I/O Pin # Description VCC P 1 Positive Power Supply VSS P 2 Ground DO O 3 Digital Output Characteristics Symbol Values Unit Supply Voltage VCC 20 V Reverse VCC Polarity Voltage VRCC -20 V Magnetic Flux Density B Unlimited Output “OFF” Voltage Vce 30 V Output “ON” Current Continuous IC 25 mA Operating Temperature TA -20~+85 °C Storage Temperature Ts -65~+150 °C Maximum Junction Temperature Tj 150 °C SIP-3L 550 mW Package Power Dissipation SC59-3L PD 230 mW Absolute Maximum Ratings (TA = 25 oC) 137 1 2 : Vss 3 : DO 23 137 1 2 3 1 : Vcc Top view SIP-3L SC59-3L |