công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP432ASAL-B bảng dữ liệu(PDF) 5 Page - Diodes Incorporated

tên linh kiện AP432ASAL-B
Giải thích chi tiết về linh kiện  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP432ASAL-B bảng dữ liệu(HTML) 5 Page - Diodes Incorporated

  AP432ASAL-B Datasheet HTML 1Page - Diodes Incorporated AP432ASAL-B Datasheet HTML 2Page - Diodes Incorporated AP432ASAL-B Datasheet HTML 3Page - Diodes Incorporated AP432ASAL-B Datasheet HTML 4Page - Diodes Incorporated AP432ASAL-B Datasheet HTML 5Page - Diodes Incorporated AP432ASAL-B Datasheet HTML 6Page - Diodes Incorporated AP432ASAL-B Datasheet HTML 7Page - Diodes Incorporated AP432ASAL-B Datasheet HTML 8Page - Diodes Incorporated AP432ASAL-B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP432/AP432A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
5 of 12
MARCH 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics ( TA = 25
oC, V+ = +5.0V, unless otherwise stated )
Parameter
Test conditions
Symbol
Min.
Typ.
Max.
Unit
AP432
1.227
1.252
Reference Voltage
VKA = Vref,
I KA = 10mA (Fig.1)
AP432A
VREF
1.233
1.24
1.246
V
Deviation of Reference Input Voltage over
Temperature (Note 8)
VKA = VREF , IKA = 10mA ,
Ta = full range
(Fig.1)
VREF
3.0
20
mV
Ratio of the Change in Reference Voltage to
the Change in Cathode Voltage
IKA = 10mA
(Fig.2)
VKA = 20 ~VREF
KA
REF
V
V
∆
∆
-1.4
-2.0
mV/V
Reference Input Current
R1 = 10KΩ,R2 = ∞
IKA= 10mA (Fig.2)
IREF
1.4
3.5
µA
Deviation of Reference Input Current over
Temperature
R1 = 10KΩ,R2 = ∞
IKA = 10mA
Ta = Full range (Fig.2)
αIREF
0.4
1.2
µA
Minimum Cathode Current for Regulation
VKA = VREF (Fig.1)
IKA(min)
0.15
0.3
mA
Off-state Current
VKA = 20V , VREF = 0V (Fig.3)
IKA(off)
0.1
1.0
µA
Dynamic Output Impedance (Note 9)
V KA = VREF
Frequency
≤ 1KHz (Fig.1)
KA
Z
0.2
0.5
Ω
VMAX
VMIN
TI
T2
Temperature
VDEV = VMAX - VMIN
Note: 8. Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference over the full temperature
range. The average temperature coefficient of the reference input voltage
αVREF is defined as:
1
2
6
REF
DEV
REF
T
T
10
)
C)
(25
V
V
(
V
−
⋅
°
=
α
……………………..……………….. (
)
C
ppm
°
Where:
T2 – T1 = full temperature change.
αVREF can be positive or negative depending on whether the slope is positive or negative.
Note: 9. The dynamic output impedance, RZ, is defined as:
KA
KA
KA
I
V
Z
∆
∆
=
When the device is programmed with two external resistors R1 and R2 (see Figure 2.), the dynamic output impedance of the overall
circuit, is defined as:
)
R2
R1
(1
Z
i
v
Z
KA
'
KA
+
∆
∆
=
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com