| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L292 bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L292 bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 13 page ![]() 9/13 L292 Figure 7. Open Loop Frequency Response CLOSED-LOOP SYSTEM STEP RESPONSE a) Small - signals analysis. The transfer function (3) can be written as follows: (7) where wo = is the cutoff frequency is the dumping factor By choosing the ξ value, it is possible to determine the system response to an input step signal. Examples : 1) ξ = 1 from which t (where Vi is the amplitude of the input step). 2) ξ = from which I M V I ----- s () 0.044 R s --------------- 1 s 2 ξω o -------------- + 1 2 ξss 2 + ω o ωo 2 ---------------------- + -------------------------------- = G mo Rs R 4 CRF CF ---------------------------- ξ R 4 C 4R FCF Gmo Rs --------------------------------------- = I M t () 0.044 R S --------------- 1e t 2R F CF ------------------- – 1 t 4R F CF ------------------- + – V i ⋅ = 1 2 ------- I M t () 0.044 R s --------------- 1 t 2R F CF ------------------- e t 2R F CF ------------------- – cos – V i = |