công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7650SCB bảng dữ liệu(PDF) 7 Page - Intersil Corporation

tên linh kiện 7650SCB
Giải thích chi tiết về linh kiện  2MHz, Super Chopper-Stabilized Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7650SCB bảng dữ liệu(HTML) 7 Page - Intersil Corporation

Back Button 7650SCB Datasheet HTML 3Page - Intersil Corporation 7650SCB Datasheet HTML 4Page - Intersil Corporation 7650SCB Datasheet HTML 5Page - Intersil Corporation 7650SCB Datasheet HTML 6Page - Intersil Corporation 7650SCB Datasheet HTML 7Page - Intersil Corporation 7650SCB Datasheet HTML 8Page - Intersil Corporation 7650SCB Datasheet HTML 9Page - Intersil Corporation 7650SCB Datasheet HTML 10Page - Intersil Corporation 7650SCB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN2920.10
April 12, 2007
Normal logarithmic amplifiers are limited in dynamic range in
the voltage-input mode by their input-offset voltage. The
built-in temperature compensation and convenience
features of the ICL8048 can be extended to a voltage-input
dynamic range of close to 6 decades by using the ICL7650S
to offset-null the ICL8048, as shown in Figure 6. The same
concept can also be used with such devices as the HA2500
or HA2600 families of op amps to add very low offset voltage
capability to their very high slew rates and bandwidths. Note
that these circuits will also have their DC gains, CMRR, and
PSRR enhanced.
7650S
+
-
0.1
μF
OUTPUT
C
R
C
R2
R1
CLAMP
INPUT
0.1
μF
(R1||R2) ≥ 100kΩ
For Full Clamp Effect
7650S
-
+
0.1
μF
OUT
CLAMP
IN
0.1
μF
741
-
+
-7.5V
+7.5V
+15V
-15V
10k
Ω
10k
Ω
NOTE: R1||R2 indicates the parallel combination of R1 and R2.
FIGURE 3. INVERTING AMPLIFIER WITH (OPTIONAL) CLAMP
FIGURE 4. USING 741 TO BOOST OUTPUT DRIVE CAPACITY
7650S
+
-
0.1
μF
VOUT
C
R
C
CLAMP
VIN
0.1
μF
VTH
200k
Ω - 2MΩ
R
FIGURE 5. LOW OFFSET COMPARATOR
A1
+
-
+
-
A2
ICL7650S
+
-
VOUT
R1
15.9k
Ω
680
Ω
R2
GROUND
RREF
R3
Q1
2k
Ω
V+
Q2
R5
VREF
IREF
GAIN
33k
Ω
33k
Ω
150pF
C1
R0
10k
Ω
(LOW T.C.)
IIN
RIN
VIN
715
10
12
13
16
(+15V)
1k
Ω
4
5
2
1
ICL8048
NOTE: For further Applications Assistance, see AN053.
FIGURE 6. ICL8048 OFFSET NULLED BY ICL7650S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com