công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7667CBAZ bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện 7667CBAZ
Giải thích chi tiết về linh kiện  Dual Power MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7667CBAZ bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  7667CBAZ Datasheet HTML 1Page - Intersil Corporation 7667CBAZ Datasheet HTML 2Page - Intersil Corporation 7667CBAZ Datasheet HTML 3Page - Intersil Corporation 7667CBAZ Datasheet HTML 4Page - Intersil Corporation 7667CBAZ Datasheet HTML 5Page - Intersil Corporation 7667CBAZ Datasheet HTML 6Page - Intersil Corporation 7667CBAZ Datasheet HTML 7Page - Intersil Corporation 7667CBAZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN2853.5
April 4, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage V+ to V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.3V to V+ +0.3V
Package Dissipation, TA 25
oC. . . . . . . . . . . . . . . . . . . . . . . .500mW
Operating Temperature Range
ICL7667C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
ICL7667M . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC(oC/W)
PDIP Package* . . . . . . . . . . . . . . . . . .
150
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
170
N/A
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder process-
ing only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
ICL7667C, M
ICL7667M
UNITS
TA = 25
oC-55oC ≤ T
A ≤ 125
oC
MIN
TYP
MAX
MIN
TYP
MAX
DC SPECIFICATIONS
Logic 1 Input Voltage
VIH
VCC = 4.5V
2.0
-
-
2.0
-
-
V
Logic 1 Input Voltage
VIH
VCC = 15V
2.0
-
-
2.0
-
-
V
Logic 0 Input Voltage
VIL
VCC = 4.5V
-
-
0.8
-
-
0.5
V
Logic 0 Input Voltage
VIL
VCC = 15V
-
-
0.8
-
-
0.5
V
Input Current
IIL
VCC = 15V, VIN = 0V and 15V
-0.1
-
0.1
-0.1
-
0.1
µA
Output Voltage High
VOH
VCC = 4.5V and 15V
VCC
-0.05
VCC
-VCC
-0.1
VCC
-V
Output Voltage Low
VOL
VCC = 4.5V and 15V
-
0
0.05
-
-
0.1
V
Output Resistance
ROUT
VIN = VIL, IOUT = -10mA, VCC = 15V
-
7
10
-
-
12
Ω
Output Resistance
ROUT
VIN = VIH, IOUT = 10mA, VCC = 15V
-
8
12
-
-
13
Ω
Power Supply Current
ICC
VCC = 15V, VIN = 3V both inputs
-
5
7
-
-
8
mA
Power Supply Current
ICC
VCC = 15V, VIN = 0V both inputs
-
150
400
-
-
400
µA
SWITCHING SPECIFICATIONS
Delay Time
TD2
Figure 3
-
35
50
-
-
60
ns
Rise Time
TR
Figure 3
-
20
30
-
-
40
ns
Fall Time
TF
Figure 3
-
20
30
-
-
40
ns
Delay Time
TD1
Figure 3
-
20
30
-
-
40
ns
NOTE: All typical values have been characterized but are not tested.
ICL7667



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com