| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HEC4069UBF bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HEC4069UBF bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 7 page ![]() January 1995 2 Philips Semiconductors Product specification Hex inverter HEF4069UB gates DESCRIPTION The HEF4069UB is a general purpose hex inverter. Each of the six inverters is a single stage. Fig.1 Functional diagram. HEF4069UBP(N): 14-lead DIL; plastic (SOT27-1) HEF4069UBD(F): 14-lead DIL; ceramic (cerdip) (SOT73) HEF4069UBT(D): 14-lead SO; plastic (SOT108-1) ( ): Package Designator North America Fig.2 Pinning diagram. Fig.3 Schematic diagram (one inverter). FAMILY DATA, IDD LIMITS category GATES See Family Specifications for VIH/VIL unbuffered stages |