công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN65C3223 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện SN65C3223
Giải thích chi tiết về linh kiện  3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN65C3223 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button SN65C3223_06 Datasheet HTML 3Page - Texas Instruments SN65C3223_06 Datasheet HTML 4Page - Texas Instruments SN65C3223_06 Datasheet HTML 5Page - Texas Instruments SN65C3223_06 Datasheet HTML 6Page - Texas Instruments SN65C3223_06 Datasheet HTML 7Page - Texas Instruments SN65C3223_06 Datasheet HTML 8Page - Texas Instruments SN65C3223_06 Datasheet HTML 9Page - Texas Instruments SN65C3223_06 Datasheet HTML 10Page - Texas Instruments SN65C3223_06 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN65C3223, SN75C3223
3V TO 5.5V MULTICHANNEL RS232 COMPATIBLE LINE DRIVER/RECEIVER
SLLS538B − JUNE 2002 − REVISED OCTOBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
3 V
Output
Input
VOL
VOH
tPLH
Generator
(see Note B)
RL
3 V
FORCEOFF
RS-232
Output
tPHL
CL
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
50%
50%
1.5 V
1.5 V
Figure 2. Driver Pulse Skew
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
50%
50%
−3 V
3 V
1.5 V
1.5 V
Output
Input
VOL
VOH
tPHL
Generator
(see Note B)
tPLH
Output
EN
0 V
CL
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
0 V
FORCEOFF
Figure 3. Receiver Propagation Delay Times
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
Generator
(see Note B)
3 V or 0 V
Output
VOL
VOH
tPHZ
(S1 at GND)
tPLZ
(S1 at VCC)
tPZL
(S1 at VCC)
1.5 V
1.5 V
3 V
−3 V
50%
0.3 V
Output
Input
50%
0.3 V
EN
FORCEON
3 V or 0 V
RL
S1
VCC
GND
CL
(see Note A)
Output
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
tPHZ
(S1 at GND)
Figure 4. Receiver Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com