| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8575CDBQR bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCF8575CDBQR bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 26 page ![]() MECHANICAL DATA MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 DGV (R-PDSO-G**) PLASTIC SMALL-OUTLINE 24 PINS SHOWN 14 3,70 3,50 4,90 5,10 20 DIM PINS ** 4073251/E 08/00 1,20 MAX Seating Plane 0,05 0,15 0,25 0,50 0,75 0,23 0,13 112 24 13 4,30 4,50 0,16 NOM Gage Plane A 7,90 7,70 38 24 16 4,90 5,10 3,70 3,50 A MAX A MIN 6,60 6,20 11,20 11,40 56 9,60 9,80 48 0,08 M 0,07 0,40 0 °–8° NOTES: A. All linear dimensions are in millimeters. B. This drawing is subject to change without notice. C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side. D. Falls within JEDEC: 24/48 Pins – MO-153 14/16/20/56 Pins – MO-194 |