| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431BQLPM bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431BQLPM bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 56 page ![]() TL431, TL431A, TL431B TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Vref TOLERANCE (25°C) = 1% TL431A, TL432A ORDERING INFORMATION (CONTINUED) TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING‡ PDIP (P) Tube of 50 TL431AIP TL431AIP SC-70 (DCK) Reel of 3000 TL431AIDCKR T5_ SC-70 (DCK) Reel of 250 TL431AIDCKT T5_ SOIC (D) Tube of 75 TL431AID 431AI SOIC (D) Reel of 2500 TL431AIDR 431AI Reel of 3000 TL431AIDBVR TAI_ SOT-23-5 (DBV) Reel of 250 TL431AIDBVT TAI_ SOT-23-5 (DBV) Reel of 3000 TL432AIDBVR T4A_ Reel of 250 TL432AIDBVT T4A_ −40 C to 85 C Reel of 3000 TL431AIDBZR TAI_ −40 °C to 85°C SOT-23-3 (DBZ) Reel of 250 TL431AIDBZT TAI_ SOT-23-3 (DBZ) Reel of 3000 TL432AIDBZR T4A_ Reel of 250 TL432AIDBZT T4A_ SOT-89 (PK) Reel of 1000 TL431AIPK 4B SOT-89 (PK) Reel of 1000 TL432AIPK 2E Bulk of 1000, straight lead TL431AILP TO-226/TO-92 (LP) Ammo of 2000, formed lead TL431AILPM TL431AI Reel of 2000, formed lead TL431AILPR Reel of 3000 TL431AQDBVR TAQ_ SOT-23-5 (DBV) Reel of 250 TL431AQDBVT TAQ_ SOT-23-5 (DBV) Reel of 3000 TL432AQDBVR T4D_ Reel of 250 TL432AQDBVT T4D_ Reel of 3000 TL431AQDBZR TAQ_ −40 C to 125 C SOT-23-3 (DBZ) Reel of 250 TL431AQDBZT TAQ_ −40 °C to 125°C SOT-23-3 (DBZ) Reel of 3000 TL432AQDBZR T4D_ Reel of 250 TL432AQDBZT T4D_ SOT-89 (PK) Reel of 1000 TL431AQPK 4D SOT-89 (PK) Reel of 1000 TL432AQPK 2F SC-70 (PK) Reel of 1000 TL431AQDCKR T7_ SC-70 (PK) Reel of 250 TL431AQDCKT T7_ † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site. |