| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL062IDE4 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL062IDE4 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 39 page ![]() TL061, TL061A, TL061B, TL062, TL062A TL062B, TL064, TL064A, TL064B LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) ORDERING INFORMATION TA VIOMAX AT 25 °C PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (P) Tube of 50 TL061CP TL061CP PDIP (P) Tube of 50 TL062CP TL062CP PDIP (N) Tube of 25 TL064CN TL064CN Tube of 75 TL061CD TL061C Reel of 2500 TL061CDR TL061C SOIC (D) Tube of 75 TL062CD TL062C SOIC (D) Reel of 2500 TL062CDR TL062C 15 mV Tube of 50 TL064CD TL064C 15 mV Reel of 2500 TL064CDR TL064C SOP (PS) Reel of 2000 TL061CPSR T061 SOP (PS) Reel of 2000 TL062CPSR T062 SOP (NS) Reel of 2000 TL064CNSR TL064 Tube of 150 TL062CPW T062 TSSOP (PW) Reel of 2000 TL062CPWR T062 TSSOP (PW) Tube of 90 TL064CPW T064 Reel of 2000 TL064CPWR T064 0 °C to 70°C PDIP (P) Tube of 50 TL061ACP TL061ACP 0 °C to 70°C PDIP (P) Tube of 50 TL062ACP TL062ACP PDIP (N) Tube of 25 TL064ACN TL064ACN Tube of 75 TL061ACD 061AC Reel of 2500 TL061ACDR 061AC 6 mV SOIC (D) Tube of 75 TL062ACD 062AC 6 mV SOIC (D) Reel of 2500 TL062ACDR 062AC Tube of 50 TL064ACD TL064AC Reel of 2500 TL064ACDR TL064AC SOP (PS) Reel of 2000 TL061ACPSR T061A SOP (PS) Reel of 2000 TL062ACPSR T062A PDIP (P) Tube of 50 TL061BCP TL061BCP PDIP (P) Tube of 50 TL062BCP TL062BCP PDIP (N) Tube of 25 TL064BCN TL064BCN 3 mV Tube of 75 TL062BCD 062BC 3 mV SOIC (D) Reel of 2500 TL062BCDR 062BC SOIC (D) Tube of 50 TL064BCD TL064BC Reel of 2500 TL064BCDR TL064BC † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. |