| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL7757MLP bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL7757MLP bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 48 page ![]() TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS254E − JUNE 1999 − REVISED APRIL 2006 6 WWW.TI.COM electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT AVD Large-signal differential voltage VO(PP) = 3 V, RL = 10 kΩ 25 °C 100 120 dB AVD Large-signal differential voltage amplification VO(PP) = 3 V, RL = 10 kΩ Full range 100 dB ri(d) Differential input resistance 25 °C 1000 G Ω CIC Common-mode input capacitance f = 10 kHz 25 °C 22.9 pF zo Closed-loop output impedance f = 10 kHz, AV = 10 25 °C 0.25 Ω CMRR Common-mode rejection ratio VIC = 0 to 3 V, RS = 50 Ω 25 °C 80 110 dB CMRR Common-mode rejection ratio VIC = 0 to 3 V, RS = 50 Ω Full range 80 dB kSVR Supply voltage rejection ratio VDD = 4.5 V to 16 V, VIC = VDD /2, 25 °C 80 100 dB kSVR Supply voltage rejection ratio ( ∆VDD /∆VIO) VDD = 4.5 V to 16 V, No load VIC = VDD /2, Full range 80 dB IDD Supply current (per channel) VO = 2.5 V, No load 25 °C 1.8 2.5 mA IDD Supply current (per channel) VO = 2.5 V, No load Full range 3.5 mA IDD(SHDN) Supply current in shutdown mode (per channel) SHDN ≤ 0.8 V 25 °C 125 200 A IDD(SHDN) mode (per channel) (TLC080, TLC083, TLC085) SHDN ≤ 0.8 V Full range 250 µA † Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C. |