| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431ACLPRE3 bảng dữ liệu(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431ACLPRE3 bảng dữ liệu(HTML) 53 Page - Texas Instruments |
|
53 / 56 page ![]() MECHANICAL DATA MSOT002A – OCTOBER 1994 – REVISED NOVEMBER 2001 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 LP (O-PBCY-W3) PLASTIC CYLINDRICAL PACKAGE 4040001-2 /C 10/01 STRAIGHT LEAD OPTION 0.016 (0,41) 0.014 (0,35) 0.157 (4,00) MAX FORMED LEAD OPTION 0.104 (2,65) 0.210 (5,34) 0.170 (4,32) 0.050 (1,27) 0.016 (0,41) 0.022 (0,56) 0.500 (12,70) MIN Seating Plane 0.175 (4,44) 0.205 (5,21) 0.165 (4,19) 0.125 (3,17) DIA D C 0.105 (2,67) 0.095 (2,41) 0.135 (3,43) MIN 0.080 (2,03) 0.055 (1,40) 0.045 (1,14) 1 0.105 (2,67) 23 0.080 (2,03) 0.105 (2,67) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Lead dimensions are not controlled within this area D. FAlls within JEDEC TO -226 Variation AA (TO-226 replaces TO-92) E. Shipping Method: Straight lead option available in bulk pack only. Formed lead option available in tape & reel or ammo pack. |