| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV431BQLPR bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV431BQLPR bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 31 page ![]() TLV431, TLV431A, TLV431B LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR SLVS139S − JULY 1996 − REVISED JANUARY 2006 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION (continued) TJ 25 5C VREF TOLERANCE PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING‡ SC-70 (DCK) Reel of 3000 TLV431BIDCKR YF_ SC-70 (DCK) Reel of 250 TLV431BIDCKT YF_ SOT-23-5 (DBV) Reel of 3000 TLV431BIDBVR Y3FU 0.5% SOT-23-5 (DBV) Reel of 250 TLV431BIDBVT Y3FU 0.5% SOT-23-3 (DBZ) Reel of 3000 TLV431BIDBZR Y3FU SOT-23-3 (DBZ) Reel of 250 TLV431BIDBZT Y3FU TO-92 (LP) Bulk of 1000 TLV431BILP TY431B TO-92 (LP) Reel of 2000 TLV431BILPR TY431B SOIC (D) Tube of 75 TLV431AID TY431A SOIC (D) Reel of 2500 TLV431AIDR TY431A SOT-23-5 (DBV) Reel of 3000 TLV431AIDBVR VAHI‡, YAI_§ −40 °C to 85°C SOT-23-5 (DBV) Reel of 250 TLV431AIDBVT VAHI‡, YAI_§ −40 C to 85 C 1% SOT-23-3 (DBZ) Reel of 3000 TLV431AIDBZR YAI_§ 1% SOT-89 (PK) Reel of 1000 TLV431BIPK VF Bulk of 1000 TLV431AILP TO-92 (LP) Ammo of 2000 TLV431AILPM V431AI TO-92 (LP) Reel of 2000 TLV431AILPR V431AI SOT-23-5 (DBV) Reel of 3000 TLV431IDBVR VAII‡, Y3I_§ SOT-23-5 (DBV) Reel of 250 TLV431IDBVT VAII‡, Y3I_§ 1.5% SOT-23-3 (DBZ) Reel of 3000 TLV431IDBZR Y3I_§ 1.5% TO-92 (LP) Bulk of 1000 TLV431ILP V431I TO-92 (LP) Reel of 2000 TLV431ILPR V431I SC-70 (DCK) Reel of 3000 TLV431BQDCKR YG_ SC-70 (DCK) Reel of 250 TLV431BQDCKT YG_ SOT-23-5 (DBV) Reel of 3000 TLV431BQDBVR Y3HU SOT-23-5 (DBV) Reel of 250 TLV431BQDBVT Y3HU 0.5% SOT-23-3 (DBZ) Reel of 3000 TLV431BQDBZR Y3HU −40 °C to 125°C 0.5% SOT-23-3 (DBZ) Reel of 250 TLV431BQDBZT Y3HU −40 C to 125 C SOT-89 (PK) Reel of 1000 TLV431BQPK V6 TO-92 (LP) Bulk of 1000 TLV431BQLP TQ431B TO-92 (LP) Reel of 2000 TLV431BQLPR TQ431B 1% SOT-89 (PK) Reel of 1000 TLV431AQPK VA 1.5% SOT-89 (PK) Reel of 1000 TLV431QPK VB † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site. |