| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HEF4040B bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HEF4040B bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 5 page ![]() January 1995 2 Philips Semiconductors Product specification 12-stage binary counter HEF4040B MSI DESCRIPTION The HEF4040B is a 12-stage binary ripple counter with a clock input (CP), an overriding asynchronous master reset input (MR) and twelve fully buffered outputs (O0 to O11). The counter advances on the HIGH to LOW transition of CP. A HIGH on MR clears all counter stages and forces all outputs LOW, independent of CP. Each counter stage is a static toggle flip-flop. Schmitt-trigger action in the clock input makes the circuit highly tolerant to slower clock rise and fall times. Fig.1 Functional diagram. HEF4040BP(N): 16-lead DIL; plastic (SOT38-1) HEF4040BD(F): 16-lead DIL; ceramic (cerdip) (SOT74) HEF4040BT(D): 16-lead SO; plastic (SOT109-1) ( ): Package Designator North America Fig.2 Pinning diagram. PINNING APPLICATION INFORMATION Some examples of applications for the HEF4040B are: • Frequency dividing circuits • Time delay circuits • Control counters FAMILY DATA, IDD LIMITS category MSI See Family Specifications CP clock input (HIGH to LOW edge-triggered) MR master reset input (active HIGH) O0 to O11 parallel outputs |