| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDP6402CEX bảng dữ liệu(PDF) 3 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CDP6402CEX bảng dữ liệu(HTML) 3 Page - Intersil Corporation |
|
3 / 12 page ![]() 5-76 Absolute Maximum Ratings Thermal Information DC Supply-Voltage Range, (VDD) CDP6402 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to +11V CDP6402C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5 to +7V Input Voltage Range, All Inputs . . . . . . . . . . . . . . -0.5 to VDD +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . . . ±100µA Device Dissipation Per Output Transistor For TA = Full Package-Temperature Range (All Package Types) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mW Operating-Temperature Range (TA) Package Type D (SBDIP) . . . . . . . . . . . . . . . . . . -55oC to +125oC Package Type E (PDIP) . . . . . . . . . . . . . . . . . . . . -40oC to +85oC Thermal Resistance (Typical, Note 1) θJA (oC/W) θJC (oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . 50 N/A SBDIP Package. . . . . . . . . . . . . . . . . . 55 15 Maximum Junction Temperature Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150oC Ceramic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC Maximum Storage Temperature Range (TSTG) . . .-65 oC to +150oC Maximum Lead Temperature (Soldering 10s): At Distance 1/16 ±1/32 inch (1.59 ±0.79mm) . . . . . . . . . . +265oC CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. θJA is measured with the component mounted on an evaluation PC board in free air. Operating Conditions At TA = Full Package-Temperature Range. For maximum reliability, operating conditions should be selected so that operation is always within the following ranges: PARAMETER LIMITS UNITS CDP6402 CDP6402C MIN MAX MIN MAX DC Operating Voltage Range 4 10.5 4 6.5 V Input Voltage Range VSS VDD VSS VDD V Static Electrical Specifications at TA = -40oC to +85oC, VDD ±10%, Except as noted PARAMETER CONDITIONS LIMITS UNITS VO (V) VIN (V) VDD (V) CDP6402 CDP6402C MIN (NOTE 1) TYP MAX MIN (NOTE 1) TYP MAX Quiescent Device Current IDD - 0, 5 5 - 0.01 50 - 0.02 200 µA -0,10 10 - 1 200 - - - µA Output Low Drive (Sink) Current IOL 0.4 0,5 5 2 4 - 1.2 2.4 - mA 0.5 0,10 10 5 7 - - - - mA Output High Drive (Source) Current IOH 4.6 0, 5 5 -0.55 -1.1 - -0.55 -1.1 - mA 9.5 0,10 10 -1.3 -2.6 - - - - mA Output Voltage Low- Level (Note 2) VOL -0, 5 5 - 0 0.1 - 0 0.1 V - 0, 10 10 - 0 0.1 - - - V Output Voltage High Level (Note 2) VOH - 0, 5 5 4.9 5 - 4.9 5 - V -0, 10 10 9.9 10 - - - - V Input Low Voltage VIL 0.5, 4.5 - 5 - - 0.8 - - 0.8 V 0.5, 9.5 - 10 - - 0.2 VDD -- - V CDP6402, CDP6402C |