| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDP1802ACE bảng dữ liệu(PDF) 4 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CDP1802ACE bảng dữ liệu(HTML) 4 Page - Intersil Corporation |
|
4 / 28 page ![]() 3-6 Absolute Maximum Ratings Thermal Information DC Supply Voltage Range, (VDD) (All Voltages Referenced to VSS Terminal) CDP1802A. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V CDP1802AC, CDP1802BC. . . . . . . . . . . . . . . . . . . . -0.5V to +7V Input Voltage Range, All Inputs . . . . . . . . . . . . . .-0.5V to VDD +0.5V DC Input Current, any One Input . . . . . . . . . . . . . . . . . . . . . . . . .±10mA Thermal Resistance (Typical, Note 4) θ JA ( oC/W) θ JC ( oC/W) PDIP . . . . . . . . . . . . . . . . . . . . . . . . . . 50 N/A PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . 46 N/A SBDIP . . . . . . . . . . . . . . . . . . . . . . . . . 55 15 Device Dissipation Per Output Transistor TA = Full Package Temperature Range . . . . . . . . . . . . . . . 100mW Operating Temperature Range (TA) Package Type D . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC Package Type E and Q. . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC Storage Temperature Range (TSTG) . . . . . . . . . . . . -65 oC to +150oC Lead Temperature (During Soldering) At distance 1/16 ± 1/32 In. (1.59 ± 0.79mm) from case for 10s max . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC Lead Tips Only. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300oC CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Recommended Operating Conditions T A = -40 oC to +85oC. For maximum reliability, operating conditions should be selected so that operation is always within the following ranges: PARAMETER TEST CONDITIONS CDP1802A CDP1802AC CDP1802BC UNITS (NOTE 2) VCC (V) VDD (V) MIN MAX MIN MAX MIN MAX DC Operating Voltage Range - - 4 10.5 4 6.5 4 6.5 V Input Voltage Range - - VSS VDD VSS VDD VSS VDD V Maximum Clock Input Rise or Fall Time 4 to 6.5 4 to 6.5 - - - 1 - 1 µs 4 to 10.5 4 to 10.5 - 1 - - - - µs Minimum Instruction Time (Note 3) 5 5 5- 5- 3.2 - µs 5 10 4 ----- µs 10 10 2.5 - - - - - µs Maximum DMA Transfer Rate 5 5 - 400 - 400 - 667 KBytes/s 5 10 - 500 ---- 10 10 - 800 - - - - Maximum Clock Input Frequency, fCL, Load Capacitance (CL) = 50pF 5 5 DC 3.2 DC 3.2 DC 5 MHz 5 10 DC 4 ---- MHz 10 10 DC 6.4 - - - - MHz NOTES: 1. Printed circuit board mount: 57mm x 57mm minimum area x 1.6mm thick G10 epoxy glass, or equivalent. 2. VCC must never exceed VDD. 3. Equals 2 machine cycles - one Fetch and one Execute operation for all instructions except Long Branch and Long Skip, which require 3 machine cycles - one Fetch and two Execute operations. 4. θ JA is measured with component mounted on an evaluation board in free air. CDP1802A, CDP1802AC, CDP1802BC |