công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8763B100CBSP bảng dữ liệu(PDF) 2 Page - KISTLER INSTRUMENT CORPORATION

tên linh kiện 8763B100CBSP
Giải thích chi tiết về linh kiện  Miniature IEPE Triaxial Accelerometer, with TEDS Option
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KISTLER [KISTLER INSTRUMENT CORPORATION]
Trang chủ  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

8763B100CBSP bảng dữ liệu(HTML) 2 Page - KISTLER INSTRUMENT CORPORATION

  8763B100CBSP Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 8763B100CBSP Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 8763B100CBSP Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 8763B100CBSP Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2/4
Miniature IEPE Triaxial Accelerometer, with TEDS Option, Type 8763B…
This information corresponds to the current state of knowledge. Kistler reserves the
right to make technical changes. Liability for consequential damage resulting from
the use of Kistler products is excluded.
© 2014 ... 2021 Kistler Instrument Corp.,
75 John Glenn Dr., Amherst, NY 14228
Tel. 716-691-5100, sales.us@kistler.com, www.kistler.com. Kistler is a registered
trademark of Kistler Holding AG. Kistler Group products are protected by various
intellectual property rights. For more details visit www.kistler.com
Technical Data
Type
Unit
8763B050...
8763B100...
8763B250...
8763B500...
8763B1K0...
8763B2K0...
Acceleration range
g
±50
±100
±250
±500
±1 000
±2 000
Acceleration limit
g
±100
±200
±500
±1 000
±2 000
±2 000
Threshold (1 Hz ... 10 kHz), nom.
grms
<0.00029
<0.0006
<0.0015
<0.0025
<0.0035
<0.0045
Sensitivity, at 100 Hz, 10 grms
mV/g
100 ±15%
50 ±15%
20 ±15%
10 ±15%
5 ±15%
2.5 ±15%
Resonant frequency, nom.
kHz
35
35
55
55
55
55
Frequency response, ±5%
±10%
Hz
0.5 … 7 000
0.3 … 10 000
0.5 … 7 000
0.3 … 10 000
1 … 10 000
0.7 … 15 000
1 … 10 000
0.7 … 15 000
1 … 10 000
0.7 … 15 000
1 … 10 000
0.7 … 15 000
Amplitude linearity
%FSO
±1
Transverse sensitivity, max. 5%
%
2.5
Environmental
Base strain sensitivity @250 με
g/με
0.002
0.002
0.005
0.005
0.005
0.005
Shock (1 ms pulse width), max.
g
5 000
Vibration, max.
g
200
400
1 000
2 000
2 000
2 000
Operating temperature range
°C
[°F]
-54 ... 100
[-65 … 210]
-54 ... 100
[-65 … 210]
-54 ... 120
[-65 … 250]
Time constant
s
≥0.8
≥0.8
≥0.4
≥0.4
≥0.4
≥0.4
Temp. coeff. of sensitivity,
-54 ... 24°C [-65 … 75°F]
23 ... 100°C [75 … 210°F]
%/°C
[%/°F]
0.18 [0.10]
0.01 [0.006]
0.18 [0.10]
0.01 [0.006]
0.18 [0.10]
-0.04 [-0.02]
0.18 [0.10]
-0.04 [-0.02]
0.18 [0.10]
0.02 [0.01]
0.18 [0.10]
0.02 [0.01]
Output
Bias, nom.
VDC
13
Impedance
Ω
<100
Current
mA
2
Voltage, F.S., nom.
V
±5
Supply
Current, nom.
mA
2 … 18
22 … 30
Voltage
VDC
Construction
Weight
Type 8763BxAx
Type 8763BxBx
grams
grams
4.5
5.0
4.5
5.0
3.6
4.1
3.6
4.1
3.6
3.6
Case material
Titanium
Sealing-housing/connector
seal
Hermetic
Sealing - Type 8763B...CBsp
integral cable option
type
IP68 - tested for 16 bars during 48 hours
Mounting torque
N·m
[lbf/in]
0.7±0.07
[6.2±0.7]
Connector
Type 8763BxAx
Type 8763BxBx
Type 8763BxCBsp
type
M4.5, 4 pin
¼–28, 4 pin
integral cable terminated with 4 pin (¼–28)
1 g = 9.80665 m/s2, 1 in = 25.4 mm, 1 Gram = 0.03527 oz, 1 lbf-in = 0.113 N·m



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com