công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TOF400F bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện TOF400F
Giải thích chi tiết về linh kiện  Time-of-Flight ranging Sensor-4M
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

TOF400F bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  TOF400F Datasheet HTML 1Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 2Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 3Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 4Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 5Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 6Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 7Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 8Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3.1.1modbus Format description
Read command (take slave 0x01 as an example)
Slave
addr
Function
number
Register
High addr
Register
Low addr
Data
H
Data
L
CRC Check
L
CRC
Check H
DR
RW
RegH
RegL
DH
DL
CL
CH
0x01
0x03
RegH
RegL
DH
DL
CL
CH
Sensor return
Slave
addr
Function
number
Number of
data bytes
Data byte 1
high bit
Data byte 1
low bit
···
CRC Check
L
CRC
Check H
DR
RW
D
DATA1H
DATA1L
···
CL
CH
0x01
0x03
D
DATA1H
DATA1L
···
CL
CH
Example: Host sends: 01 03 00 10 00 01 85 CF
Read the ranging value of 1 slave
Module
reply:
01 03 02 00 15 79 8B
Ranging value is 0x0015 (21mm)
Write command (take slave 0x01 as an example)
Slave
addr
Function
number
Register
High addr
Register
Low addr
Data
H
Data
L
CRC Check
L
CRC
Check H
DR
RW
RegH
RegL
DH
DL
CL
CH
0x01
0x06
RegH
RegL
DH
DL
CL
CH
Sensor return
Slave
addr
Function
number
Number of
data bytes
Data byte 1
high bit
Data byte 1
low bit
···
CRC Check
L
CRC
Check H
DR
RW
RegH
RegL
DH
DL
CL
CH
0x01
0x06
RegH
RegL
DH
DL
CL
CH
Example: Host sends: 01 06 00 04 00 01 09 CB
Set the ranging mode of 1 slave to
high precision
Module
reply:
01 06 00 04 00 01 09 CB
Set successful response
Special note: CRC check rule is CRC-16/MODBUS X16+X15+X2+1
The check code can be generated by the existing CRC check code generator or the
matching module, which is convenient to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com