| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPV324IPWG4 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LPV324IPWG4 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 23 page ![]() LPV321 SINGLE, LPV358 DUAL, LPV324 QUAD GENERALPURPOSE, LOW VOLTAGE, LOW POWER, RAILTORAIL OUTPUT OPERATIONAL AMPLIFIERS SLOS433I − FEBRUARY 2004 − REVISED MARCH 2005 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 LPV324 simplified schematic VBIAS4 − + − + IN+ IN− VBIAS1 VBIAS2 VBIAS3 − + − + Output VCC VCC VCC VCC absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC+ − VCC− (see Note 1) 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 2) ±VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (either input) VCC− to VCC+ − 1 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Notes 3 and 4): 5-pin DBV package 206 °C/W . . . . . . . . . . . . . . . . . . . 5-pin DCK package 252 °C/W . . . . . . . . . . . . . . . . . . . 8-pin D package 97 °C/W . . . . . . . . . . . . . . . . . . . . . . . 8-pin DDU package TBD °C/W . . . . . . . . . . . . . . . . . . 8-pin DGK package 172 °C/W . . . . . . . . . . . . . . . . . . . 14-pin D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . 14-pin PW package 113 °C/W . . . . . . . . . . . . . . . . . . . Maximum junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages and VCC specified for the measurement of IOS, are with respect to the network GND. 2. Differential voltages are at IN+ with respect to IN−. 3. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/θJA. Selecting the maximum of 150°C can affect reliability. 4. The package thermal impedance is calculated in accordance with JESD 51-7. |