công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES9018S bảng dữ liệu(PDF) 14 Page - ESS Technology,Inc

tên linh kiện ES9018S
Giải thích chi tiết về linh kiện  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESS [ESS Technology,Inc]
Trang chủ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018S bảng dữ liệu(HTML) 14 Page - ESS Technology,Inc

Back Button ES9018S Datasheet HTML 10Page - ESS Technology,Inc ES9018S Datasheet HTML 11Page - ESS Technology,Inc ES9018S Datasheet HTML 12Page - ESS Technology,Inc ES9018S Datasheet HTML 13Page - ESS Technology,Inc ES9018S Datasheet HTML 14Page - ESS Technology,Inc ES9018S Datasheet HTML 15Page - ESS Technology,Inc ES9018S Datasheet HTML 16Page - ESS Technology,Inc ES9018S Datasheet HTML 17Page - ESS Technology,Inc ES9018S Datasheet HTML 18Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Sabre32 Reference Datasheet
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
February 11, 2010
www.esstech.com
14
Vista™
High Definition
Vista™
High Definition
SERIAL CONTROL INTERFACE
The registers inside the chip are programmed via an I2C interface. The diagram below shows the timing
for this interface. The chip address can be set to 2 different settings via the “ADDR” pin. The table below
summarizes this.
ADDR
CHIP ADDRESS
0
0x90
1
0x92
Table 7
Diagram 1
Notes:
1.
The “ADDR” pin is used to create the CHIP ADDRESS. (0x90, 0x92)
2.
The first byte after the chip address is the “ADDRESS” this is the register address.
3.
The second byte after the CHIP ADDRESS is the “DATA” this is the data to be programmed into
the register at the previous “ADDRESS”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35