công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OV4682 bảng dữ liệu(PDF) 2 Page - OmniVision Technologies, Inc.

tên linh kiện OV4682
Giải thích chi tiết về linh kiện  Dual-Purpose RGB IR CameraChip™ Sensor Brings High Sensitivity and High Frame Rates to Mobile and Machine Vision Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMNIVISION [OmniVision Technologies, Inc.]
Trang chủ  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV4682 bảng dữ liệu(HTML) 2 Page - OmniVision Technologies, Inc.

  OV4682 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV4682 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
¬
¬
Cellular Phones
Tablets
Digital Still Cameras (DSC)
Digital Video Camcorders (DVC)
¬
¬
¬
¬
PC Multimedia
Security
Gaming
Gesture Detection
Applications
¬
¬
¬
¬
¬
¬
¬
automatic black level calibration (ABLC)
programmable controls for frame rate,
mirror and flip, cropping, and windowing
static defective pixel canceling
supports output formats:
10-bit RAW RGB-IR (MIPI)
supports horizontal and
vertical subsampling
supports images sizes: 4MP, 3MP,
EIS1080p, 1080p, EIS720p
fast mode switching
support 2x2 binning, 4x4 binning,
re-sampling filter
standard serial SCCB interface
up to 4-lane MIPI serial output interface
embedded 4K bits one-time
programmable (OTP) memory for part
identification, etc.
two on-chip phase lock loops (PLLs)
programmable I/O drive capability
built-in temperature sensor
¬
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV04682-G04A-1D
(RGB-IR, chip probing, 200 µm backgrinding, reconstructed wafer with good die)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
active array size: 2688 x 1520
power supply:
- core: 1.1 ~ 1.3V
- analog: 2.6 ~ 3.0V
- I/O: 1.7 ~ 3.0V
power requirements:
- active: 163 mA (261 mW)
- standby: 1 mA
- XSHUTDOWN: <10 µA
temperature range:
- operating: -30°C to +85°C junction
temperature
- stable image: 0°C to +60°C junction
temperature
output formats: 10-bit RAW RGB data
lens size: 1/3"
input clock frequency: 6 ~ 64 MHz
¬
¬
¬
¬
¬
¬
¬
¬
lens chief ray angle: 21° non-linear
maximum image transfer rate:
- 2688x1520: 90 fps
- 1920x1080: 120 fps
- 1280x720: 180 fps
- 672x380: 330 fps
scan mode: progressive
maximum exposure interval:
1548 x TROW
pixel size: 2 µm x 2 µm
dark current: 4 mV/sec
@ 60°C junction temperature
image area: 5440 µm x 3072 µm
die dimensions:
- COB: 6600 µm x 5800 µm
- RW: 6650 µm x 5850 µm
Product Specifications
Version 2.2, October, 2014
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. CameraChip and OmniBSI-2 are trademarks of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV4682
OV4682
image sensor core
image
sensor
processor
image output
interface
column
sample/hold
PLL
PLLs
control register bank
SCCB interface
timing generator and system control logic
gain
control
MCP/N
MDP/N[3:0]
temperature
sensor
image
array
AMP
10-bit
ADC



Html Pages

1 2