| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RE-0524SP bảng dữ liệu(PDF) 2 Page - Recom International Power |
|
|
|||||||||||||||||||||||||||||
RE-0524SP bảng dữ liệu(HTML) 2 Page - Recom International Power |
|
2 / 3 page ![]() www.recom-international.com 17 July-2006 Typical Characteristics RO & RE Series ECONOLINE DC/DC-Converter 100 0 40% 0% 100% 40 Efficiency / Load 60% 80% 20% 20 60 80 Total Output current (%) 3.305 0505 1205 100 0 40% 0% 100% 40 Efficiency / Load 60% 80% 20% 20 60 80 Total Output current (%) 0509 1209 3.309 Deviation / Load -10.000 40% 0% 100% 60% 80% 20% -5.000 Total Output current (%) 0505 0.000 5.000 10.000 15.000 20.000 25.000 3.305 1205 Deviation / Load -10.000 40% 0% 100% 60% 80% 20% -5.000 Total Output current (%) 0509 0.000 5.000 10.000 15.000 20.000 25.000 3.309 1209 100 0 40% 0% 100% 40 Efficiency / Load 60% 80% 20% 20 60 80 Total Output current (%) 3.312 0512 1212 100 0 40% 0% 100% 40 Efficiency / Load 60% 80% 20% 20 60 80 Total Output current (%) 3.315 1215 0515 Deviation / Load -10.000 40% 0% 100% 60% 80% 20% -5.000 Total Output current (%) 0512 0.000 5.000 10.000 15.000 20.000 25.000 3.312 1212 Deviation / Load -10.000 40% 0% 100% 60% 80% 20% -5.000 Total Output current (%) 0515 0.000 5.000 10.000 15.000 20.000 25.000 3.315 1215 RO/RE-xx05S RO/RE-xx09S RO/RE-xx12S RO/RE-xx15S |