| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM339 bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM339 bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 51 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 2-Nov-2023 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM139AD LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139A LM139ADG4 LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139A LM139ADR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139A Samples LM139ADRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139A Samples LM139D LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 LM139DG4 LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 LM139DR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 Samples LM139DRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 Samples LM239AD LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A LM239ADE4 LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A LM239ADR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -25 to 85 LM239A Samples LM239ADRE4 ACTIVE SOIC D 14 2500 TBD Call TI Call TI -25 to 85 Samples LM239ADRG4 ACTIVE SOIC D 14 2500 TBD Call TI Call TI -25 to 85 Samples LM239D LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239 LM239DE4 LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239 LM239DG4 LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239 LM239DR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -25 to 85 LM239 Samples LM239DRG3 LIFEBUY SOIC D 14 2500 RoHS & Green SN Level-1-260C-UNLIM -25 to 85 LM239 LM239DRG4 LIFEBUY SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239 LM239N ACTIVE PDIP N 14 25 RoHS & Green NIPDAU | SN N / A for Pkg Type -25 to 85 LM239N Samples LM239NE4 ACTIVE PDIP N 14 25 TBD Call TI Call TI -25 to 85 Samples LM239PW LIFEBUY TSSOP PW 14 90 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 L239 LM239PWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -25 to 85 L239 Samples LM2901AVQDR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2901AV Samples Addendum-Page 1 |