| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS339A bảng dữ liệu(PDF) 2 Page - BCD Semiconductor Manufacturing Limited |
|
|
|||||||||||||||||||||||||||||
AS339A bảng dữ liệu(HTML) 2 Page - BCD Semiconductor Manufacturing Limited |
|
2 / 11 page ![]() LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS AS339/339A Data Sheet 2 Aug. 2006 Rev. 1. 6 BCD Semiconductor Manufacturing Limited Figure 2. Pin Configuration of AS339/339A (Top View ) Figure 3. Functional Block Diagram of AS339/339A (Each comparator) Functional Block Diagram SOIC-14/DIP-14/TSSOP-14 M/P/G Package OUTPUT 2 OUTPUT 1 VCC INPUT 1- INPUT 1+ INPUT 2- INPUT 2+ OUTPUT 3 OUTPUT 4 GND INPUT 4+ INPUT 4- INPUT 3+ INPUT 3- 1 2 3 4 5 6 78 9 10 11 12 13 14 +INPUT -INPUT Q5 Q6 Q1 Q2 Q3 Q4 Q7 Q8 OUTPUT V CC Pin Configuration Ordering Information Circuit Type Package E1: Lead Free Blank: Tin Lead AS339 TR: Tape and Reel Blank: Tube M: SOIC-14 P: DIP-14 - Blank: AS339 A: AS339A G: TSSOP-14 |