công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATR2406-DEV-KIT2 bảng dữ liệu(PDF) 7 Page - ATMEL Corporation

tên linh kiện ATR2406-DEV-KIT2
Giải thích chi tiết về linh kiện  Low-IF 2.4-GHz ISM Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2406-DEV-KIT2 bảng dữ liệu(HTML) 7 Page - ATMEL Corporation

Back Button ATR2406-DEV-KIT2 Datasheet HTML 3Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 4Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 5Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 6Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 7Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 8Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 9Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 10Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
4779L–ISM–09/06
ATR2406
5
Receiver Part
5.1
RX input impedance
Differential
Zin
170 + j0
Ω
5.2
Sensitivity
At input for BER
≤ 10-3
at 1152 kBits/s(1)
–93
dBm
5.3
Third order input intercept point
IIP3
–15
dBm
5.4
Intermodulation rejection
BER < 10-3, wanted at -83 dBm,
level of interferers in channels
N + 2 and N + 4(1)
IM3
32
dBc
5.5
Co-channel rejection
BER < 10-3, wanted at –76 dBm(1)
R
CO
–11
dBc
5.6
Adjacent channel rejection
±1.728 MHz
BER < 10-3, wanted at –76 dBm,
adjacent level referred to wanted
channel level(1)
R
i (N – 1)
14
dBc
5.7
Bi-adjacent channel rejection
±3.456 MHz
BER < 10-3, wanted at –76 dBm,
bi-adjacent level referred to wanted
channel level(1)
R
i (N – 2)
30
dBc
5.8
Rejection with
≥ 3 channels
separation
≥ ±5.128 MHz
BER < 10-3, wanted at –76 dBm,
n
≥ 3 adjacent level referred to
wanted channel level(1)
R
i (n ≥ 3)
40
dBc
5.9
Out of band rejection > 6 MHz
BER < 10-3, wanted at –83 dBm at
2.45 GHz(1)
Bl
df>6MHz
38
dBc
5.10
Out of band rejection
2300 MHz to 2394 MHz
2506 MHz to 2600 GHz
BER < 10-3, wanted at –83 dBm at
2.45 GHz(1)
Blnear
47
dBc
5.11
Out of band rejection
30 MHz to 2300 MHz
2600 MHz to 6 GHz
BER < 10-3, wanted at –83 dBm at
2.45 GHz(1)
Blfar
57
dBc
6
RSSI Part
6.1
Maximum RSSI output voltage
Under high RX input signal level
VRSSImax
2.1
V
6.2
RSSI output voltage, monotonic
over range –96 dBm to –36 dBm
With –33 dBm at RF input
With –96 dBm at RF input
VRSSI
1.9
0.1
V
V
7VCO
7.1
Oscillator frequency defined at
TX output
Over full temperature range(1)
2400
2483
MHz
7.2
Frequency control voltage range
VVTUNE
0.5
VCC – 0.5
V
7.3
VCO tuning input gain defined at
TX output
GVCO
240
MHz/V
6.
Electrical Characteristics (Continued)
VS = 3.6V with AUX regulator, Tamb = 25°C, unless otherwise specified
No.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Notes:
1. Measured and guaranteed only on the Atmel® evaluation board, including microstrip filter, balun, and Smart Radio Fre-
quency (Smart RF) firmware. Conducted measured.
2. Timing is determined by external loop filter characteristics. Faster timing can be achieved by modification of the loop filter.
For further information refer to the application notes.
3. The Gaussian filter control setting (GFCS) is used to compensate production tolerances by tuning the modulation deviation
in production to the nominal value of 400 kHz.
4. Burst mode with 0.9% duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com