công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SY89529LTC bảng dữ liệu(PDF) 4 Page - Micrel Semiconductor

tên linh kiện SY89529LTC
Giải thích chi tiết về linh kiện  3.3V 200MHz PRECISION SPREADSPECTRUM CLOCK SYNTHESIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89529LTC bảng dữ liệu(HTML) 4 Page - Micrel Semiconductor

  SY89529LTC Datasheet HTML 1Page - Micrel Semiconductor SY89529LTC Datasheet HTML 2Page - Micrel Semiconductor SY89529LTC Datasheet HTML 3Page - Micrel Semiconductor SY89529LTC Datasheet HTML 4Page - Micrel Semiconductor SY89529LTC Datasheet HTML 5Page - Micrel Semiconductor SY89529LTC Datasheet HTML 6Page - Micrel Semiconductor SY89529LTC Datasheet HTML 7Page - Micrel Semiconductor SY89529LTC Datasheet HTML 8Page - Micrel Semiconductor SY89529LTC Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Precision Edge®
SY89529L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
Input/Output Pins
Pin Number
Pin Number
Pin Name
I/O
Pin Function
SOIC
TQFP
25,26
8, 9
XTAL1, XTAL2
Analog
These pins form an oscillator when connected to an external
Inputs
crystal. Either series or parallel-resonant crystals are
acceptable. Connect directly to the device.
10, 11
23, 24
SSC Control (0:1)
LVTTL
LVTTL-compatible spread-spectrum control pins. Data on
Inputs
control pins maintain device control. For spread-spectrum
operation, leave SSC_0 and SSC_1 pins floating (default is
spread ON). To reconfigure the device, simply change the
SSC and the device will respond dynamically.
SSC_0 = 24k
Ω pullup. SSC_1 = 24kΩ pulldown
16, 17
30, 31
FOUT, /FOUT
Differential
Differential, LVPECL clock outputs. These outputs must be
terminated to V
CC –2V. (see Figure 6)
23
6
LOOP_FILTER
Analog I/O
Used for the R//C PLL loop filter. (see Figure 2.)
24
7
LOOP_REF
Analog I/O
Provides the reference voltage for the PLL. (see Figure 2).
13
27
TEST INPUT
LVTTL
Pin is used for test and debug purposes. Is intended to be
Inputs
left floating in production environment. Programmed as
input in PLL-bypass mode. Pin includes an internal 24k
Ω
pullup resistor.
Power Supply Pins
Pin Number
Pin Number
Pin Name
I/O
Pin Function
SOIC
TQFP
14, 27
10, 28
V
CC1, VCC_TTL
Logic
3.3V LVTTL core logic power-supply pins. Connect each
Power
pin directly to the logic-supply plane and use proper
bypassing at each pin as close to the pin as possible; Ferrite
bead in parallel with 1
µF//0.01µF capacitors. (see Figure 5
for typical bypass circuit.)
22
5
ANALOG_ V
CC
PLL
3.3V PLL core supply pin. Must be a noise free supply.
Power
Bypass as close to the pin as possible; ferrite bead in
parallel with 1
µF//0.01µF capacitors. (see Figure 5 for
typical bypass circuit.)
18
32
V
CC_OUT
Output
This is the positive power supply reference for the LVPECL
Power
outputs (FOUT and /FOUT). See Figure 5 for typical bypass
circuit.
12
26
GND_TTL
Logic
This is the ground pin for for the TTL control logic. Normally
connected to the logic ground.
21
4
GND_ANALOG
Analog
This is the ground pin for the PLL Core. Normally connected
GND
to a quiet, noise-free ground plane for low jitter perfomance.
15
29
GND_OUTPUT
Output
Ground for differential outputs. Normally connected to the
GND
logic ground plane.
No Connect Pins
Pin Number
Pin Number
Pin Name
I/O
Pin Function
SOIC
TQFP
1, 2, 3, 4, 5
1, 2, 3, 11, 12, 13
NC
No
Pins are high-impedance, low leakage and are not used by
6, 7, 8, 9, 19
14, 15, 16, 17, 18
Connect
internal circuits of the device. These pins are intended to be
20, 28
19, 20, 21, 22, 25
left floating in production.
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com