công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN1599 bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện AN1599
Giải thích chi tiết về linh kiện  VIPower: STAND-BY SMPS DEMOBOARD WITH VIPer12A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1599 bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button AN1599 Datasheet HTML 12Page - STMicroelectronics AN1599 Datasheet HTML 13Page - STMicroelectronics AN1599 Datasheet HTML 14Page - STMicroelectronics AN1599 Datasheet HTML 15Page - STMicroelectronics AN1599 Datasheet HTML 16Page - STMicroelectronics AN1599 Datasheet HTML 17Page - STMicroelectronics AN1599 Datasheet HTML 18Page - STMicroelectronics AN1599 Datasheet HTML 19Page - STMicroelectronics AN1599 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
18/20
AN1599 - APPLICATION NOTE
6.7. SHORT CIRCUIT PROTECTION
It is useless to do this test on the output because the voltage regulator U1 limits the output current
protecting itself and the converter. For this reason the short circuit test have been done on C9 and D9:
both tests have demonstrated that the converter is completely protected against short circuit. When the
short circuit has been removed, the converter restarts the normal operation without degrading its
performance. During short circuit the converter works in hiccup mode, in figure 34 it is possible to see that
the average current delivered during short circuit on C9 is within the characteristics of the output rectifier.
Figure 32: VDS,VDD, Vout and VC9 during
start up at full load
Vmains 230Vac-50Hz
Figure 33: VDS,VDD, Vout and VC9 during
turn off at full load
Vmains 230Vac-50Hz
CH1: drain voltage
CH2: output voltage
CHA: output voltage magnification
CH3: VIPer12A VDD
CH4: voltage on C9
CH1: drain voltage
CH2: output voltage
CHA: output voltage magnification
CH3: VIPer12A VDD
CH4: voltage on C9
Figure 34: VDS,VDD and Iout during short circuit
test on C9
Vmains 265Vac-50Hz
Figure 35: VDS and VDD with D9 shorted
Vmains 265Vac-50Hz
CH1: drain voltage
CH3: VIPer12A VDD
CH1: drain voltage
CH3: VIPer12A VDD
CH4: output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com