công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATAM894 bảng dữ liệu(PDF) 59 Page - ATMEL Corporation

tên linh kiện ATAM894
Giải thích chi tiết về linh kiện  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 bảng dữ liệu(HTML) 59 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 55Page - ATMEL Corporation ATAM894 Datasheet HTML 56Page - ATMEL Corporation ATAM894 Datasheet HTML 57Page - ATMEL Corporation ATAM894 Datasheet HTML 58Page - ATMEL Corporation ATAM894 Datasheet HTML 59Page - ATMEL Corporation ATAM894 Datasheet HTML 60Page - ATMEL Corporation ATAM894 Datasheet HTML 61Page - ATMEL Corporation ATAM894 Datasheet HTML 62Page - ATMEL Corporation ATAM894 Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 97 page
background image
59
4679D–4BMCU–05/05
ATAM894
The compare registers and corresponding counter reset masks can be used to program the
counter time intervals and the toggle masks can be used to program the output signal. The sin-
gle-action mask can also be used in this mode. It starts operating after the timer started with
T3R.
6.3.3.14
Timer 3 COmpare Register 1 (T3CO1) Byte Write
6.3.3.15
Timer 3 COmpare Register 2 (T3CO2) Byte Write
6.3.3.16
Timer 3 Capture Register
The counter content can be read via the capture register. There are two ways to use the capture
register. In modes 1 and 4, it is possible to read the current counter value directly out of the cap-
ture register. In the capture modes 2, 3, 5 and 12, a capture event like an edge at the Timer 3
input or a signal from Timer 2 stores the current counter value into the capture register. This
counter value can be read from the capture register.
6.3.3.17
Timer 3 CaPture Register (T3CP) Byte Read
Address: 'B'hex — Subaddress: '4'hex
High Nibble
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: 1111b
Low Nibble
First write cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: 1111b
Address: 'B'hex — Subaddress: '5'hex
High Nibble
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: 1111b
Low Nibble
First write cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: 1111b
Address: 'B'hex — Subaddress: ’4'hex
High Nibble
First read cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: xxxxb
Low Nibble
Second read cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: xxxxb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com