| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS202011CQN bảng dữ liệu(PDF) 5 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
JS202011CQN bảng dữ liệu(HTML) 5 Page - C&K Components |
|
5 / 15 page ![]() 12 C 3 2 3,5 8,5 3,5 1,5 ± 0,1 3 3X 0,5 2,5 2,5 3,2 3X 0,3 1,5 ± 0,1 2 2,5 2,5 3,2 3X ø 0,8 TERMINAL NO. 1 (3) (1) (2) TRAVEL a b (1) (3) C&K (2) PCB LAYOUT RECOMMENDED SCHEMATIC 45˚ X 0,2 CHAMFER JS Series Sub-Miniature Slide Switches RIGHT ANGLE SURFACE MOUNT Part Number JS102011SAQN SPDT Shown in position a Available in tape & reel only 1. DIMENSIONS IN (X,XX) PARENTHESIS ARE MILLIMETERS. NOTES: PCB MOUNT - HOLE LAYOUT 13 2 C CIRCUIT DIAGRAM C: COMMON PIN TERMINAL No. 1 2X 0,9 b TRAVEL 2,0 a 9,0 0,6 TYP TYP 2,5 3,5 8,5 0,3 TYP 1,2 TYP 2,5 TYP 0,3 MAX 2,50 2,0 1,5±0,05 6,8 0,8 0,8+0/-0,1 3,75 3,5 4,0 6,8 C&K C&K 3,6 Part Number JS102011CQN SPDT Shown in position a I–54 Dimensions are shown: mm Specifications and dimensions subject to change www.ckswitches.com 22 Sep 22 Shown in position b Shown in position b PC THRU-HOLE I |