| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS-SERIES bảng dữ liệu(PDF) 6 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
JS-SERIES bảng dữ liệu(HTML) 6 Page - C&K Components |
|
6 / 15 page ![]() I 12 C 3 3,5 8,5 0,5 2,5 2,5 2 3,5 SQ 1,5 ± 0,1 3 0,30 1 3 8,00 2,5 2,5 7,5 2 TRAVEL a b C&K (2) (3) (1) 45˚ X 0,2 2X CHAMFER PCB LAYOUT RECOMMENDED SCHEMATIC Terminal No. 1 JS Series Sub-Miniature Slide Switches Part Number JS102011SCQN SPDT Shown in position a Available in tape & reel only I–55 Dimensions are shown: mm Specifications and dimensions subject to change www.ckswitches.com 22 Sep 22 Shown in position b SURFACE MOUNT SURFACE MOUNT Part Number JS207011SCQNR DP3T Shown in position b Available in tape & reel only 2 3.5±0.2 5±0.2 2X 0.8 7.5 0.3 TYP 1.5 0.05 TRAVEL 2 0.2 2±0.2 4 2 2 4 2 2 10 5.5 8 1.2 TYP 3 2X 0.9 +0.1 0 3.6 13 10 2X 0.8 0 -0.1 5.5±0.25 SWITCH FUNCTION POS.c POS.b POS.a (MOM)ONON CONNECTED TERMINALS 1-3,5-7 2-3,6-7 3-4,7-8 PC MOUNT - TOLERANCE .05 CIRCUIT DIAGRAM C: COMMON PIN BOTTOM VIEW 1 2 5 6 3 4 7 8 C C C&K C&K C&K 0.125 CHAMFER TERMINAL NO.1 SHOWN IN POS.b |