công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AAT2550 bảng dữ liệu(PDF) 23 Page - Advanced Analogic Technologies

tên linh kiện AAT2550
Giải thích chi tiết về linh kiện  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGICTECH [Advanced Analogic Technologies]
Trang chủ  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2550 bảng dữ liệu(HTML) 23 Page - Advanced Analogic Technologies

Back Button AAT2550 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 21Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 22Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 23Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 24Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 25Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 26Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 27Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Step-Down Converter
Applications Information
Inductor Selection
The step-down converter uses peak current mode
control with slope compensation to maintain stability
for duty cycles greater than 50%. The output induc-
tor value must be selected so the inductor current
down slope meets the internal slope compensation
requirements. The internal slope compensation for
the adjustable and low-voltage fixed versions of the
AAT2550 is 0.24A/µsec. This equates to a slope
compensation that is 75% of the inductor current
down slope for a 1.5V output and 4.7µH inductor.
This is the internal slope compensation for the
adjustable (0.6V) version or low-voltage fixed ver-
sions. When externally programming the 0.6V ver-
sion to 2.5V, the calculated inductance is 7.5µH.
In this case, a standard 6.8µH value is selected.
For high-voltage fixed versions (
≥2.5V), m = 0.48A/
µsec. Table 5 displays inductor values for the
AAT2550 fixed and adjustable options.
Manufacturer's specifications list both the inductor
DC current rating, which is a thermal limitation, and
the peak current rating, which is determined by the
saturation characteristics. The inductor should not
show any appreciable saturation under normal load
conditions. Some inductors may meet the peak and
average current ratings yet result in excessive loss-
es due to a high DCR. Always consider the losses
associated with the DCR and its effect on the total
converter efficiency when selecting an inductor.
The Sumida 4.7µH CDRH3D16 series inductor has
a 105m
Ω DCR and a 900mA DC current rating. At
full load, the inductor DC loss is 38mW, which gives
a 4% loss in efficiency for a 600mA, 1.5V output.
Input Capacitor
Select a 4.7µF to 10µF X7R or X5R ceramic capac-
itor for the input. To estimate the required input
capacitor size, determine the acceptable input rip-
ple level (VPP) and solve for C. The calculated
value varies with input voltage and is a maximum
when VIN is double the output voltage.
Always examine the ceramic capacitor DC voltage
coefficient characteristics when selecting the prop-
er value. For example, the capacitance of a 10µF,
6.3V, X5R ceramic capacitor with 5.0V DC applied
is actually about 6µF.
C
IN(MIN) =
1
⎛⎞
- ESR
·
4 · F
S
⎝⎠
V
PP
I
O
⎛⎞
· 1 -
=
for V
IN = 2 · VO
⎝⎠
V
O
V
IN
V
O
V
IN
1
4
⎛⎞
· 1 -
⎝⎠
V
O
V
IN
C
IN =
V
O
V
IN
⎛⎞
- ESR
·
F
S
⎝⎠
V
PP
I
O
0.75
⋅ V
O
L =
=
≈ 3
⋅ V
O
= 3
⋅ 2.5V = 7.5μH
m
0.75
⋅ V
O
0.24A
μsec
A
μsec
A
A
μsec
0.75
⋅ V
O
m =
=
= 0.24
L
0.75
⋅ 1.5V
4.7
μH
A
μsec
AAT2550
Total Power Solution for Portable Applications
2550.2006.07.1.0
23
Table 5: Inductor Values.
Configuration
Output Voltage
Inductor
0.6V Adjustable With
1V, 1.2V
2.2µH
External Feedback
1.5V, 1.8V
4.7µH
2.5V, 3.3V
6.8µH
Fixed Output
0.6V to 3.3V
4.7µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com