công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BPR336F0.03J bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện BPR336F0.03J
Giải thích chi tiết về linh kiện  Square metal plate resistor Rectangular Type Metal Plate Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

BPR336F0.03J bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  BPR336F0.03J Datasheet HTML 1Page - List of Unclassifed Manufacturers BPR336F0.03J Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
本カタログに掲載の仕様は予告なく変更する場合があります。御注文及び御使用前に、納入仕様書などで内容を御確認下さい。
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
■外形寸法 Dimensions(mm)
■性能 Performance
■標準抵抗値一覧表 Standard Resistance
*:E12シリーズ外です。
Out of E12
試験項目
試験方法 JIS C 5201-1 準拠
規格値
Test Characteristics
Test Methods JIS C 5201-1
Performance Requirement
抵抗値
測定箇所は本体から 10mm±1mmとする。
規定の許容差内
Resistance
Measuring points are 10mm±1mm from the end body.
Within reguldted tolerance
抵抗温度係数
室温/100℃ up
規定値内
T.C.R.
Room temperature/ 100℃ up
Within specified T.C.R.
短時間過負荷
定格電圧 × 2.5 倍を5秒印加
±2%
Short time overload
Rated voltage × 2.5,5s
はんだ耐熱性
リード線の根元より2.0mmまでを260℃± 5℃,10s± 1s 浸せき
Resistance to soldering heat
Immerse the leads excepting 2.0mm from the root of termination to the
±2%
solder at 260℃±5℃ for 10s±1s.
はんだ付け性
235℃ ± 5℃, 2s ± 0.5s
75%以上が新しいはんだで覆われていること。
Solderability
75% Coverage min.
端子強度
引張り(Direct load):10N,10sec
リード線の外れ、端子のユルミのないこと。
Terminal strength
曲げ(Bending test):5N, 90°,2 times
No mechanical damages
耐久性(耐湿負荷)
40℃± 2℃, 90%∼95%RH, 1000h,
±5%
Moisture resistance
1.5時間 ON/ 0.5時間 OFFの周期 1.5h ON/ 0.5h OFF cycle
耐久性(定格負荷)
70℃± 2℃, 1000h
±5%
Load life
1.5時間 ON/ 0.5時間 OFFの周期 1.5h ON/ 0.5h OFF cycle
耐溶剤性
イソプロピルアルコールに60秒±10秒間浸せき後、脱脂綿で10回こする。
外観に異常がなく、表示は容易に判読できること。
Resistance to solvent
After immersing the sample in I.P.A for 60s±10s, the resistor
No visible damage to protective coating and marking
surface should be rubbed with absorbent cotton for 10 times.
B
A
P
C
d
13±1mm
B
A
P
C
d
8±1mm
5±1mm
B
A
PP
C
d
8±1mm
5±1mm
シングル ストレート形状
Single Straight Style
シングル フォーミング
Single Forming Style
ツイン形状
Twin Style
抵抗値(Ω)
26F,28F
36F,38F
56F,58F
108F
22F,33F
55F
77F
Resistance
J:±5% K:±10% J:±5% K:±10% J:±5% K:±10% J:±5% K:±10% J:±5% K:±10% J:±5% K:±10% J:±5% K:±10%
0.01
○○○○○○−−−−−−−
−
0.012
○
○
○−−−−−−−
−
0.015
○
○
○−−−−−−−
−
0.02*
○
○
○−−−−−−−
−
0.022
○
○
○−−−−−−−
−
0.027
○
○
○−−−−−−−
−
0.03*
○
○
○−−−−
○−
−
0.033
○
○
○−−−−
−
−
0.039
○
○
○−−−−
−
−
0.04*
○
○
○−−−−
−
−
0.047
○
○
○−−−−
−
−
0.05*
○○○○○
○
○
○
0.082
○
○
○−−−−−−−
0.1
○○○○○○
○
○○○
○
0.12
○○○○○○
○
○
0.15
○○○○○
○○○○
0.18
○○○○○
○○○○
0.22
○○○○○○
○○○○○○
○
0.27
○○○○○○
○○○○○
0.33
○○○○○○
○○○○○
○
0.39
○○○○○○
○○○○
0.47
○○○○○○
○○○○
0.56
○○○○○○
0.68
○○○○○○
−−−−−
−
0.82
○○
−−−−−
−
1
○○
○−−−−−
−
○ :対応可能です   
○ :Can product.
空白:御相談下さい。
Blank:Please consult.
− :対応不可       − :Can not product.



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com